Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54325 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54325
Description  TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54325 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54325_15 Datasheet HTML 1Page - Texas Instruments TPS54325_15 Datasheet HTML 2Page - Texas Instruments TPS54325_15 Datasheet HTML 3Page - Texas Instruments TPS54325_15 Datasheet HTML 4Page - Texas Instruments TPS54325_15 Datasheet HTML 5Page - Texas Instruments TPS54325_15 Datasheet HTML 6Page - Texas Instruments TPS54325_15 Datasheet HTML 7Page - Texas Instruments TPS54325_15 Datasheet HTML 8Page - Texas Instruments TPS54325_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS54325
SLVS932F – MAY 2009 – REVISED NOVEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, VCC, EN
–0.3
20
V
VBST
–0.3
26
V
VBST (vs SW1, SW2)
–0.3
6.5
V
VI
Input voltage range
VFB, VO, SS, PG
–0.3
6.5
V
SW1, SW2
–2
20
V
SW1, SW2 (10 ns transient)
–3
20
V
VREG5
–0.3
6.5
V
VO
Output voltage range
PGND1, PGND2
–0.3
0.3
V
Vdiff
Voltage from GND to POWERPAD
–0.2
0.2
V
TJ
Operating junction temperature
–40
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
500
C101, all pins(2)
(1)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 500-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Thermal Information
PWP
THERMAL METRIC(1)
UNIT
12 PINS
RθJA
Junction-to-ambient thermal resistance
55.6
RθJC(top)
Junction-to-case (top) thermal resistance
51.3
RθJB
Junction-to-board thermal resistance
26.4
°C/W
ψJT
Junction-to-top characterization parameter
1.8
ψJB
Junction-to-board characterization parameter
20.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS54325


Similar Part No. - TPS54325_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Similar Description - TPS54325_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com