Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54325 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54325
Description  TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54325 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54325_15 Datasheet HTML 2Page - Texas Instruments TPS54325_15 Datasheet HTML 3Page - Texas Instruments TPS54325_15 Datasheet HTML 4Page - Texas Instruments TPS54325_15 Datasheet HTML 5Page - Texas Instruments TPS54325_15 Datasheet HTML 6Page - Texas Instruments TPS54325_15 Datasheet HTML 7Page - Texas Instruments TPS54325_15 Datasheet HTML 8Page - Texas Instruments TPS54325_15 Datasheet HTML 9Page - Texas Instruments TPS54325_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS54325
SLVS932F – MAY 2009 – REVISED NOVEMBER 2014
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range, VCC, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Iocl
Current limit
TA = –40°C to 85°C
(1)
3.5
4.1
5.5
A
THERMAL SHUTDOWN
Shutdown temperature (1)
150
TSDN
Thermal shutdown threshold
°C
Hysteresis (1)
25
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
145
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
ns
SOFT START
ISSC
SS charge current
VSS = 0 V
1.4
2.0
2.6
μA
ISSD
SS discharge current
VSS = 0.5 V
0.1
0.2
mA
POWER GOOD
VFB rising (good)
85%
90%
95%
VTHPG
PG threshold
VFB falling (fault)
85%
IPG
PG sink current
PG = 0.5 V
2.5
5
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
115%
120%
125%
TOVPDEL
Output OVP prop delay
5
μs
UVP detect
65%
70%
75%
VUVP
Output UVP trip threshold
Hysteresis
10%
TUVPDEL
Output UVP delay
0.25
ms
TUVPEN
Output UVP enable delay
Relative to soft-start time
x 1.7
UVLO
Wake up VREG5 voltage
3.45
3.70
3.95
VUVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.15
0.25
0.35
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS54325


Similar Part No. - TPS54325_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Similar Description - TPS54325_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com