Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54327 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54327
Description  3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54327 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54327_15 Datasheet HTML 1Page - Texas Instruments TPS54327_15 Datasheet HTML 2Page - Texas Instruments TPS54327_15 Datasheet HTML 3Page - Texas Instruments TPS54327_15 Datasheet HTML 4Page - Texas Instruments TPS54327_15 Datasheet HTML 5Page - Texas Instruments TPS54327_15 Datasheet HTML 6Page - Texas Instruments TPS54327_15 Datasheet HTML 7Page - Texas Instruments TPS54327_15 Datasheet HTML 8Page - Texas Instruments TPS54327_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Vout(50mV/div)
Iout(2 A/div)
100 s/div
m
TPS54327
www.ti.com
SLVSAG1B – DECEMBER 2010 – REVISED JUNE 2013
3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER
WITH INTEGRATED FET
Check for Samples: TPS54327
1
FEATURES
DESCRIPTION
The TPS54327 is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter. TheTPS54327
Response
enables system designers to complete the suite of
Low Output Ripple and Allows Ceramic Output
various end equipment’s power bus regulators with a
Capacitor
cost effective, low component count, low standby
current solution. The main control loop for the
Wide VIN Input Voltage Range: 4.5 V to 18 V
TPS54327 uses the D-CAP2™ mode control which
Output Voltage Range: 0.76 V to 7.0 V
provides a fast transient response with no external
Highly Efficient Integrated FET’s Optimized
compensation components. The TPS54327 also has
for Lower Duty Cycle Applications
a proprietary circuit that enables the device to adopt
– 100 m
Ω (High Side) and 70 mΩ (Low Side)
to both low equivalent series resistance (ESR) output
capacitors, such as POSCAP or SP-CAP, and ultra-
High Efficiency, less than 10
μA at shutdown
low ESR ceramic capacitors. The device operates
High Initial Bandgap Reference Accuracy
from 4.5-V to 18-V VIN input. The output voltage can
Adjustable Soft Start
be programmed between 0.76 V and 7 V. The device
also features an adjustable soft start time. The
Pre-Biased Soft Start
TPS54327 is available in the 8-pin DDA package and
700-kHz Switching Frequency (fSW)
10-pin DRC, and is designed to operate from –40°C
Cycle By Cycle Over Current Limit
to 85°C.
APPLICATIONS
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54327_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327 TI1-TPS54327_15 Datasheet
1Mb / 29P
[Old version datasheet]   Output Single Synchronous Step-Down Switcher
More results

Similar Description - TPS54327_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327 TI1-TPS54327 Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54327 TI1-TPS54327_15 Datasheet
1Mb / 29P
[Old version datasheet]   Output Single Synchronous Step-Down Switcher
logo
Integrated Device Techn...
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
   Dual Channel Synchronous Step- Down Switcher with Integrated FET
IDTP9120 IDT-IDTP9120 Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
logo
Texas Instruments
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com