Electronic Components Datasheet Search |
|
MAX6385XS34D7-T Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX6385XS34D7-T Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 11 page SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = full range, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1) Note 1: Specifications over temperature are guaranteed by design, not production tested. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS MR Minimum Input Pulse Width 1 µs MR Glitch Rejection 100 ns MR to Reset Delay 200 ns MAX6381–MAX6389 32 63 100 k Ω MR Internal Pullup Resistance MAX6390 800 1350 2300 Ω TA = +25°C 1.245 1.27 1.295 TA = 0°C to +85°C 1.232 1.308 Reset IN Input Threshold VTHRST TA = -40°C to +125°C 1.219 1.321 V RESET IN to RESET Delay VRESETIN falling at 4mV/µs from VTHRST + 40mV to VTHRST - 40mV 4.5 µs RESET IN Input Leakage Current IRESET IN -50 ±1 +50 nA VCC ≥ 4.5V, ISINK = 3.2mA, reset asserted 0.4 VCC ≥ 2.5V, ISINK = 1.2mA, reset asserted 0.3 Open-Drain RESET Output Voltage VOL VCC ≥ 1.0V, ISINK = 80µA, reset asserted 0.3 V Open-Drain RESET Output Leakage Current ILKG VCC > VTH, RESET not asserted 1.0 µA VCC ≥ 4.5V, ISINK = 3.2mA, reset asserted 0.4 VCC ≥ 2.5V, ISINK = 1.2mA, reset asserted 0.3 VOL VCC ≥ 1.0V, ISINK = 80µA, reset asserted 0.3 VCC ≥ 4.5V, ISOURCE = 800µA, reset not asserted 0.8 ✕ VCC Push-Pull RESET Output Voltage VOH VCC ≥ 2.5V, ISOURCE = 500µA, reset not asserted 0.8 ✕ VCC V VCC ≥ 4.5V, ISOURCE = 800µA, reset asserted 0.8 ✕ VCC VCC ≥ 2.5V, ISOURCE = 500µA, reset asserted 0.8 ✕ VCC VCC ≥ 1.8V, ISOURCE = 150µA, reset asserted 0.8 ✕ VCC VOH VCC ≥ 1.0V, ISOURCE = 1µA, reset asserted 0.8 ✕ VCC VCC ≥ 4.5V, ISINK = 3.2mA, reset not asserted 0.4 Push-Pull RESET Output Voltage VOL VCC ≥ 2.5V, ISINK = 1.2mA, reset not asserted 0.3 V |
Similar Part No. - MAX6385XS34D7-T |
|
Similar Description - MAX6385XS34D7-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |