Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54335A Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54335A
Description  TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54335A Datasheet(HTML) 5 Page - Texas Instruments

  TPS54335A_15 Datasheet HTML 1Page - Texas Instruments TPS54335A_15 Datasheet HTML 2Page - Texas Instruments TPS54335A_15 Datasheet HTML 3Page - Texas Instruments TPS54335A_15 Datasheet HTML 4Page - Texas Instruments TPS54335A_15 Datasheet HTML 5Page - Texas Instruments TPS54335A_15 Datasheet HTML 6Page - Texas Instruments TPS54335A_15 Datasheet HTML 7Page - Texas Instruments TPS54335A_15 Datasheet HTML 8Page - Texas Instruments TPS54335A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
TPS54335A, TPS54335-1A, TPS54336A
www.ti.com
SLVSCD5C – NOVEMBER 2014 – REVISED JULY 2015
7.4 Thermal Information
TPS5433xA
TPS5433xA and
TPS54335-1A
THERMAL METRIC(1)
UNIT
DDA (SO PowerPAD)
DRC (VSON)
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
42.1
43.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.9
55.4
°C/W
RθJB
Junction-to-board thermal resistance
31.8
18.9
°C/W
ψJT
Junction-to-top characterization parameter
8
0.7
°C/W
ψJB
Junction-to-board characterization parameter
13.5
19.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.1
5.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document unless otherwise noted. These
specifications are interpreted as conditions that will not degrade the parametric or functional specifications of the device for
the life of the product containing it. TJ = –40°C to 150°C, VIN = 4.5 to 28 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND UVLO (VIN PIN)
Operating input voltage
4.5
28
V
Input UVLO threshold
Rising VIN
4
4.5
V
Input UVLO hysteresis
180
400
mV
VIN-shutdown supply current
VEN = 0 V
2
10
µA
VIN-operating non-switching supply
VVSENSE = 810 mV
310
800
µA
current
ENABLE (EN PIN)
Enable threshold
Rising
1.21
1.28
V
Enable threshold
Falling
1.1
1.17
V
Input current
VEN = 1.1 V
1.15
µA
Hysteresis current
VEN = 1.3 V
3.3
µA
VOLTAGE REFERENCE
TJ =25°C
0.7936
0.8 0.8064
Reference
V
0.788
0.8
0.812
MOSFET
V(BOOT-PH) = 3 V
160
280
m
Ω
High-side switch resistance(1)
V(BOOT-PH) = 6 V
128
230
m
Ω
Low-side switch resistance(1)
VIN = 12 V
84
170
m
Ω
ERROR AMPLIFIER
Error-amplifier transconductance (gm)
–2 µA < ICOMP < 2 µA, VCOMP = 1 V
1300
µmhos
Error-amplifier source and sink
VCOMP = 1 V, 100-mV overdrive
100
µA
Start switching peak current threshold
0.5
A
COMP to ISWITCH gm
8
A/V
CURRENT-LIMIT
High-side switch current-limit threshold
4
4.9
6.5
A
Low-side switch sourcing current-limit
3.5
4.7
6.1
A
Low-side switch sinking current-limit
0
A
(1)
Measured at pins
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54335A TPS54335-1A TPS54336A


Similar Part No. - TPS54335A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54335A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com