Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54339E Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54339E
Description  4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54339E Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54339E_15 Datasheet HTML 5Page - Texas Instruments TPS54339E_15 Datasheet HTML 6Page - Texas Instruments TPS54339E_15 Datasheet HTML 7Page - Texas Instruments TPS54339E_15 Datasheet HTML 8Page - Texas Instruments TPS54339E_15 Datasheet HTML 9Page - Texas Instruments TPS54339E_15 Datasheet HTML 10Page - Texas Instruments TPS54339E_15 Datasheet HTML 11Page - Texas Instruments TPS54339E_15 Datasheet HTML 12Page - Texas Instruments TPS54339E_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
0.750
0.755
0.760
0.765
0.770
0.775
0.780
±50
0
50
100
150
T
j - Junction Temperature (ƒC)
C010
I
O = 1 A
0
100
200
300
400
500
600
700
800
0.01
0.10
1.00
10.00
I
O - Output Current (A)
C009
V
O = 1.8 V
V
O = 3.3 V
V
O = 1.05 V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
I
OUT - Output Current (A)
C007
V
O = 5 V
V
O = 3.3 V
V
O = 1.8 V
400
450
500
550
600
650
700
750
800
850
900
0
5
10
15
20
25
V
IN - Input Voltage (V)
C008
V
O = 3.3 V
V
O = 5.0 V
V
O = 1.8 V
V
O = 1.5 V
V
O = 1.05 V
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
OUT - Output Current (A)
C006
V
O = 5 V
V
O = 3.3 V
V
O = 1.8 V
EN (10 V/div)
VREG5 (5 V/div)
400 us/div
Vout (0.5 V/div)
TPS54339E
www.ti.com
SLVSBM0A – DECEMBER 2012 – REVISED DECEMBER 2012
TYPICAL CHARACTERISTICS
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 7. START-UP WAVE FORM
Figure 8. EFFICIENCY vs OUTPUT CURRENT
Figure 9. LIGHT LOAD EFFICIENCY vs OUTPUT CURRENT
Figure 10. SWITCHING FREQUENCY vs
INPUT VOLTAGE (IO = 1 A)
Figure 11. SWITCHING FREQUENCY vs OUTPUT CURRENT
Figure 12. VFB VOLTAGE vs JUNCTION
TEMPERATURE (IO = 1 A)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54339E


Similar Part No. - TPS54339E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339EDDA TI-TPS54339EDDA Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339EDDAR TI-TPS54339EDDAR Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
More results

Similar Description - TPS54339E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54239 TI-TPS54239_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter
TPS54239 TI-TPS54239 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com