Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54341 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54341_15 Datasheet HTML 1Page - Texas Instruments TPS54341_15 Datasheet HTML 2Page - Texas Instruments TPS54341_15 Datasheet HTML 3Page - Texas Instruments TPS54341_15 Datasheet HTML 4Page - Texas Instruments TPS54341_15 Datasheet HTML 5Page - Texas Instruments TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
BOOT
VIN
EN
SS/TR
RT/CLK
PWRGD
SW
GND
COMP
FB
10
9
1
2
3
4
5
8
7
6
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE INFORMATION
PIN CONFIGURATION
DPR PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
A bootstrap capacitor is required between BOOT and SW. If the voltage on this capacitor is below the
BOOT
1
O
minimum required to operate the high-side MOSFET, the gate drive switches off until the capacitor
refreshes.
Error amplifier output and input to the output switch current (PWM) comparator. Connect frequency
COMP
7
O
compensation components to this pin.
Enable pin, with internal pullup current source. Pull below 1.2 V to disable. Float to enable. Adjust the input
EN
3
I
undervoltage lockout with two resistors. See the Enable and Adjusting Undervoltage Lockout section.
FB
6
I
Inverting input of the transconductance (gm) error amplifier.
GND
8
Ground
Power Good is an open drain output that asserts low if the output voltage is out of regulation due to thermal
PWRGD
10
O
shutdown, dropout, over-voltage or EN shut down
Resistor Timing and External Clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to set the switching frequency. If the pin is pulled above the PLL upper threshold,
RT/CLK
5
I
a mode change occurs and the pin becomes a synchronization input. The internal amplifier is disabled and
the pin is a high-impedance clock input to the internal PLL. If clocking edges stop, the internal amplifier re-
enables and the operating mode returns to resistor frequency programming.
Soft-start and Tracking. An external capacitor connected to this pin sets the output rise time. Because the
SS/TR
4
I
voltage on this pin overrides the internal reference, SS/TR can be used for tracking and sequencing.
SW
9
I
The source of the internal high-side power MOSFET and switching node of the converter.
VIN
2
I
Input supply voltage with 4.5-V to 42-V operating range.
The GND pin must be electrically connected to the exposed pad on the printed circuit board for proper
Thermal Pad
11
operation.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341


Similar Part No. - TPS54341_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results

Similar Description - TPS54341_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54361-Q1 TI1-TPS54361-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com