Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB130L-SMA-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB130L-SMA-R
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB130L-SMA-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB130L-SMA-R Datasheet HTML 1Page - Unisonic Technologies SB130L-SMA-R Datasheet HTML 2Page - Unisonic Technologies SB130L-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB130
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-276.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
30
V
Peak Repetitive Reverse Voltage
VRRM
30
V
RMS Reverse Voltage
VR(RMS)
21
V
DC Blocking Voltage
VR
30
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
25
A
Operating Junction Temperature
TJ
-65~+125
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SMA
95
°C/W
Junction to Ambient
DO-41
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS (Note 2) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
30
V
Forward Voltage Drop
VFM
IF=1.0A
0.55
V
TA=25°C
1.0
mA
Peak Reverse Current at Rated DC
Blocking Voltage
IRM
TA=100°C
10
mA
Notes: 1. Measured at ambient temperature at a distance of 9.5mm from the case.
2. Short duration test pulse used to minimize self-heating effect.


Similar Part No. - SB130L-SMA-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Microdiode Electronics ...
SB130 CHENDA-SB130 Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SB130 SEMTECH_ELEC-SB130 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB130L-SMA-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com