Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7942CA-22 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C7942CA-22
Description  Flat panel sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7942CA-22 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C7942CA-22 Datasheet HTML 1Page - Hamamatsu Corporation C7942CA-22 Datasheet HTML 2Page - Hamamatsu Corporation C7942CA-22 Datasheet HTML 3Page - Hamamatsu Corporation C7942CA-22 Datasheet HTML 4Page - Hamamatsu Corporation C7942CA-22 Datasheet HTML 5Page - Hamamatsu Corporation C7942CA-22 Datasheet HTML 6Page - Hamamatsu Corporation C7942CA-22 Datasheet HTML 7Page - Hamamatsu Corporation C7942CA-22 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Flat panel sensor
C7942CA-22
5
[Table 2] Power pin assignment and cable color
[Table 3] External trigger pin assignment and cable color
[Table 4] Binning mode setting (Grabber interface: 40-pin receptacle)
Pin No.
Color
Signal
1
Brown
+7.5 V
2
Red
Analog GND
3
Orange
-7.5 V
4
Yellow
Analog GND
5
Green
Analog +5 V
6
Blue
Digital GND
7
Purple
Digital +5 V
Shield
-
Analog GND
7-pin power receptacle: ECG.2B.307.CLV made by LEMO S.A.
Mating power plug: FGG.2B.307.CLAD92Z made by LEMO S.A.
Pin No.
Color
Signal
1
Red
ExtTrgLemo (TTL)
2
Black
Signal GND
Shield
-
Analog GND
2-pin receptacle: ECP.0S.302.CLL made by LEMO S.A
Mating plug: FFA.0S.302.CLAC37 made by LEMO S.A.
Operating mode
Pin No.
No. 15 (bin0)
No. 16 (bin1)
Single operation (1 × 1)
Low
Low
2 × 2 binning
High
Low
4 × 4 binning
High
High
The C7942CA-22 has binning mode for reading out signals from multiple pixels at a time. The binning mode setting can be changed by
using I/O port.
Binning mode


Similar Part No. - C7942CA-22

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7942CA-02 HAMAMATSU-C7942CA-02 Datasheet
137Kb / 6P
   Acquire digital X-ray image in real time and 170 & 176 mm diagonal size
More results

Similar Description - C7942CA-22

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7942CA HAMAMATSU-C7942CA Datasheet
204Kb / 8P
   Flat panel sensor
C10900D HAMAMATSU-C10900D_15 Datasheet
313Kb / 10P
   Flat panel sensor
C7921CA HAMAMATSU-C7921CA Datasheet
192Kb / 7P
   Flat panel sensor
C9730DK-10 HAMAMATSU-C9730DK-10_15 Datasheet
217Kb / 9P
   Flat panel sensor
C10013SK HAMAMATSU-C10013SK Datasheet
131Kb / 6P
   Flat panel sensor High reliability, high sensitivity
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
logo
List of Unclassifed Man...
RTD2020 ETC1-RTD2020 Datasheet
84Kb / 11P
   FLAT PANEL DISPLAY CONTROLLER
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
   XGA Flat Panel Controller
RTD2010 ETC1-RTD2010 Datasheet
75Kb / 11P
   FLAT PANEL DISPLAY CONTROLLER
logo
Realtek Semiconductor C...
RTD2660 REALTEK-RTD2660 Datasheet
5Mb / 401P
   Flat Panel Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com