Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TT570N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TT570N
Description  Pressure contact technology for high reliability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TT570N Datasheet(HTML) 1 Page - Infineon Technologies AG

  TT570N Datasheet HTML 1Page - Infineon Technologies AG TT570N Datasheet HTML 2Page - Infineon Technologies AG TT570N Datasheet HTML 3Page - Infineon Technologies AG TT570N Datasheet HTML 4Page - Infineon Technologies AG TT570N Datasheet HTML 5Page - Infineon Technologies AG TT570N Datasheet HTML 6Page - Infineon Technologies AG TT570N Datasheet HTML 7Page - Infineon Technologies AG TT570N Datasheet HTML 8Page - Infineon Technologies AG TT570N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Netz-Thyristor-Modul
Phase Control Thyristor Module
Technische Information /
technical information
TT570N
Date of Publication 2014-04-23
Revision: 3.1
1/11
Seite/page
TD
TT
Key Parameters
VDRM / VRRM
1600 V
ITAVM
600 A (TC=85 °C)
ITSM
17000 A
VT0
0,8 V
rT
0,23
mΩ
RthJC
0,058 K/W
Base plate
60 mm
Weight
1450 g
For type designation please refer to actual
short form catalog
http://www.ifbip.com/catalog
Merkmale
Features
 Druckkontakt-Technologie für hohe
Zuverlässigkeit
 Pressure contact technology for high reliability
 Advanced Medium Power Technology (AMPT)
 Advanced Medium Power Technology (AMPT)
 Industrie-Standard-Gehäuse
 Industrial standard package
 Elektrisch isolierte Bodenplatte
 Electrically insulated base plate
Typische Anwendungen
Typical Applications
 Sanftanlasser
 Soft starter
 Gleichrichter für Antriebsapplikationen
 Rectifier for drives applications
 Kurzschließer-Applikationen
 Crowbar applications
 Leistungssteller
 Power controllers
 Gleichrichter für UPS
 Rectifiers for UBS
 Batterieladegleichrichter
 Battery chargers
 Statische Umschalter
 Static switches
 Bypass-Schalter
 Bypass swich
content of customer DMX code
DMX code
DMX code
digit
digit quantity
serial number
1..5
5
SAP material number
6..12
7
Internal production order number
13..20
8
datecode (production year)
21..22
2
datecode (production week)
23..24
2
www.ifbip.com
support@infineon-bip.com


Similar Part No. - TT570N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT570N EUPEC-TT570N Datasheet
409Kb / 13P
   Phase Control Thyristor Module
TT570N-A EUPEC-TT570N-A Datasheet
409Kb / 13P
   Phase Control Thyristor Module
logo
Infineon Technologies A...
TT570N16KOF INFINEON-TT570N16KOF Datasheet
529Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-17 Revision: 3.2
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
More results

Similar Description - TT570N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com