Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6676 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU6676
Description  64-Common X 132-Segment plus 1-Icon Bit Map Type LCD Controller and Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6676 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJU6676 Datasheet HTML 4Page - New Japan Radio NJU6676 Datasheet HTML 5Page - New Japan Radio NJU6676 Datasheet HTML 6Page - New Japan Radio NJU6676 Datasheet HTML 7Page - New Japan Radio NJU6676 Datasheet HTML 8Page - New Japan Radio NJU6676 Datasheet HTML 9Page - New Japan Radio NJU6676 Datasheet HTML 10Page - New Japan Radio NJU6676 Datasheet HTML 11Page - New Japan Radio NJU6676 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
NJU6676
PRELIMINARY
No.
Symbol
Description
16
RD
(E)
<In case of 80 Type MPU>
RD signal of 80 type MPU input terminal.
Active "L"
During this signal is "L" , D0 to D7 terminals are output. <In
case of 68 Type MPU>
Enable signal of 68 type MPU input terminal.
Active "H"
<In case of 80 Type MPU>
Connect to the 80 type MPU WR signal. Actie
"L".
The data on the data bus input syncronizing the rise edge of this
signal.
<In case of 68 Type MPU>
The read/write control signal of 68
type MPU input terminal.
R/W
H
L
State
Read
Write
15
WR
(R/W)
MPU interface type selection terminal.
C86
H
L
State
68 Type
80 Type
71
C86
Serial or parallel interface selection terminal.
P/S
Chip Select Data/Command Data
Read/Write
Serial
Clock
“H”
CS1, CS2
A0
D0
∼D7
RD,WR
-
“L”
CS1, CS2
A0
SI(D7)
Write Only
SCL(D6)
72
P/S
RAM data and status read operation do not work in mode of
the serial interface.
In case of the serial interface (P/S="L"),RD and WR
must be fixed
"H" or "L", and D0 to D5 are high impedance.
2
3
OSC1
OSC2
System clock input terminal for Maker testing.(This terminal should be
Open) For external clock operation, the clock shoud be input to OSC1
terminal.
69
CLS
Terminal to select whether or enable or disable the display clock internal
oscillator circuit.
CLS=”H” : Internal oscillator circuit is enabld
CLS=”L” : Internal oscillator circuit is disabled (requires external input)
When CLS=”L”, input the display clock through the CL terminal.
This terminal selects the master/slave operation for the NJU6676. Master
operation outputs the timing signals that are required for the LCD display,
while slave operation inputs the timing signals required for the LCD,
synchronizing the LCD system.
M/S = ”H” : Master operation
M/S = ”L” : Slave operation
The following is true depending on the M/S and CLS status:
M/S CLS
OSC.
Power Supply
Circuit
CL
FR
FRS
DOF
“H” Available
Available
Output Output Output Output
“H”
“L” Not Avail.
Available
Input
Output Output Output
“L”
*
Not Avail.
Not Avail.
Input
Input
Output
Input
68
M/S
*:Don’t Care


Similar Part No. - NJU6676

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6673 NJRC-NJU6673 Datasheet
283Kb / 38P
   25-common x 100-segment BITMAP LCD DRIVER
NJU6673CL NJRC-NJU6673CL Datasheet
283Kb / 38P
   25-common x 100-segment BITMAP LCD DRIVER
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6675CH NJRC-NJU6675CH Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
   88-common x 132-segment BIT MAP LCD DRIVER
More results

Similar Description - NJU6676

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
   88-common x 132-segment BIT MAP LCD DRIVER
NJU6678 NJRC-NJU6678 Datasheet
491Kb / 45P
   104-common x 132-segment BIT MAP LCD DRIVER
NJU6679 NJRC-NJU6679 Datasheet
598Kb / 46P
   128-common x 132-segment BIT MAP LCD DRIVER
logo
List of Unclassifed Man...
NJU6655 ETC-NJU6655 Datasheet
382Kb / 47P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
logo
New Japan Radio
NJU6655B NJRC-NJU6655B Datasheet
523Kb / 54P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
   65 X 132 RAM-Map LCD Controller / Driver
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
SSD1303 ETC1-SSD1303 Datasheet
567Kb / 56P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1305 ETC1-SSD1305 Datasheet
2Mb / 70P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com