Selected language     English  ▼


Q-PAD-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. Q-PAD-3
Description  Conforms to surface textures
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Q-Pad® 3 eliminates problems associated
with thermal grease such as contamination
of electronic assemblies and reflow solder
baths. Q-Pad® 3 may be installed prior to
soldering and cleaning without worry. When
clamped between two surfaces, the
elastomer conforms to surface textures
thereby creating an air-free interface
between heat-generating components
and heat sinks.
Fiberglass reinforcement enables Q-Pad® 3
to withstand processing stresses without
losing physical integrity. It also provides
ease of handling during application.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Q-Pad® 3
TYPICAL APPLICATIONS INCLUDE
• Between a transistor and a heat sink
• Between two large surfaces such as an L-bracket and the chassis of an assembly
• Between a heat sink and a chassis
• Under electrically isolated power modules or devices such as resistors,
transformers and solid state relays
CONFIGURATIONS AVAILABLE
• Sheet form, die-cut parts and roll form
• With or without pressure sensitive adhesive
PDS_QPad_3_December 2008
FEATURES AND BENEFITS
• Thermal impedance: 0.35°C-in2/W
(@50 psi)
• Eliminates processing constraints
typically associated with grease
• Conforms to surface textures
• Easy handling
• May be installed prior to soldering and
cleaning without worry
PRODUCT DESCRIPTION
Glass-Reinforced Grease
Replacement Thermal Interface
December 2008
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Black
Black
Visual
Reinforcement Carrier
Fiberglass
Fiberglass
Thickness (inch) / (mm)
0.005
0.127
ASTM D374
Hardness (Shore A)
86
86
ASTM D2240
Continuous Use Temp (°F) / (°C)
-76 to 356
-60 to 180
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
Non-Insulating
Non-Insulating
ASTM D149
Dielectric Constant (1000 Hz)
NA
NA
ASTM D150
Volume Resistivity (Ohm-meter)
102
102
ASTM D257
Flame Rating
V-O
V-O
U.L.94
THERMAL
Thermal Conductivity (W/m-K)
2.0
2.0
ASTM D5470
THERMAL PERFORMANCE vs PRESSURE
Pressure (psi)
10
25
50
100
200
TO-220 Thermal Performance (°C/W)
2.26
1.99
1.76
1.53
1.30
Thermal Impedance (°C-in2/W) (1)
0.65
0.48
0.35
0.24
0.16
1) The ASTM D5470 test fixture was used. The recorded value includes interfacial thermal resistance. These values are provided for
reference only. Actual application performance is directly related to the surface roughness, flatness and pressure applied.
TYPICAL PROPERTIES OF Q-PAD 3




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl