Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS402DN Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SIS402DN
Description  N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS402DN Datasheet(HTML) 4 Page - Vishay Telefunken

  SIS402DN Datasheet HTML 1Page - Vishay Telefunken SIS402DN Datasheet HTML 2Page - Vishay Telefunken SIS402DN Datasheet HTML 3Page - Vishay Telefunken SIS402DN Datasheet HTML 4Page - Vishay Telefunken SIS402DN Datasheet HTML 5Page - Vishay Telefunken SIS402DN Datasheet HTML 6Page - Vishay Telefunken SIS402DN Datasheet HTML 7Page - Vishay Telefunken SIS402DN Datasheet HTML 8Page - Vishay Telefunken SIS402DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 68684
S09-1086-Rev. C, 15-Jun-09
Vishay Siliconix
SiS402DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
10
VSD -Source-to-Drain Voltage (V)
1
100
TJ = 25 °C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.000
0.003
0.006
0.009
0.012
0.015
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =19 A
0.01
0
1
40
50
10
600
Time (s)
30
20
0.1
10
100
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
1ms
10 ms
100 ms
Limited byRDS(on)*
BVDSS
Limited
100 µs
IDM Limited
I
Limited
D(on)
1s
10 s
DC


Similar Part No. - SIS402DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS402DN VISHAY-SIS402DN Datasheet
126Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 04-Aug-08
SIS402DN VISHAY-SIS402DN Datasheet
563Kb / 13P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Jun-09
logo
SHENZHEN DOINGTER SEMIC...
SIS402DN DOINGTER-SIS402DN Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SIS402DN VISHAY-SIS402DN Datasheet
561Kb / 13P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SIS402DN-T1-GE3 VISHAY-SIS402DN-T1-GE3 Datasheet
563Kb / 13P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Jun-09
More results

Similar Description - SIS402DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com