Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS406DN Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SIS406DN
Description  N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS406DN Datasheet(HTML) 4 Page - Vishay Telefunken

  SIS406DN Datasheet HTML 1Page - Vishay Telefunken SIS406DN Datasheet HTML 2Page - Vishay Telefunken SIS406DN Datasheet HTML 3Page - Vishay Telefunken SIS406DN Datasheet HTML 4Page - Vishay Telefunken SIS406DN Datasheet HTML 5Page - Vishay Telefunken SIS406DN Datasheet HTML 6Page - Vishay Telefunken SIS406DN Datasheet HTML 7Page - Vishay Telefunken SIS406DN Datasheet HTML 8Page - Vishay Telefunken SIS406DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 68805
S-82301-Rev. A, 22-Sep-08
Vishay Siliconix
SiS406DN
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD -Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
TJ = 150 °C
TJ = - 50 °C
TJ = 25 °C
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
--50
--25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID =5mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.006
0.012
0.018
0.024
0.030
2
345
67
8
910
VGS - Gate-to-Source Voltage (V)
TJ =25 °C
TJ = 125 °C
ID =12A
0
30
60
90
120
150
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
1s
10 s
100 s
DC
Limited byRDS(on)*
BVDSS Limited
1ms
100 µs
10 ms
100 ms


Similar Part No. - SIS406DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS406DN VISHAY-SIS406DN Datasheet
546Kb / 13P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Sep-08
SIS406DN VISHAY-SIS406DN Datasheet
606Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIS406DN-T1-GE3 VISHAY-SIS406DN-T1-GE3 Datasheet
546Kb / 13P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Sep-08
SIS406DN-T1-GE3 VISHAY-SIS406DN-T1-GE3 Datasheet
606Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIS406DN VISHAY-SIS406DN_V01 Datasheet
606Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIS406DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com