Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4502 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4502
Description  75 Ohm N Male Right Angle Connector Clamp - Solder Attachment For RG11, RG144, RG216
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4502 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4502 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4502 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4502 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm N Male Right Angle Connector Clamp/Solder Attachment For RG11, RG144, RG216 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male Right Angle Connector Clamp/Solder Attachment For RG11, RG144, RG216
PE4502
URL: http://www.pasternack.com/n-male-standard-rg11-rg144-rg216-connector-pe4502-p.aspx
75 Ohm N Male Right Angle Connector Clamp/
Solder Attachment For RG11, RG144, RG216
PE4502
PE4502 REV 01


Similar Part No. - PE4502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4502 PASTERNACK-PE4502 Datasheet
330Kb / 3P
   75 Ohm N Male Right Angle Connector Clamp/Solder Attachment
PE4502 PASTERNACK-PE4502_16 Datasheet
330Kb / 3P
   75 Ohm N Male Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE4502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4509 PASTERNACK-PE4509 Datasheet
222Kb / 2P
   75 Ohm N Male Connector Clamp/Solder Attachment For RG11, RG144, RG216
PE4510 PASTERNACK-PE4510 Datasheet
264Kb / 2P
   75 Ohm N Male Connector Crimp-Solder Attachment For RG11, RG144, RG216
PE4606 PASTERNACK-PE4606 Datasheet
235Kb / 3P
   75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
PE44170 PASTERNACK-PE44170 Datasheet
274Kb / 3P
   75 Ohm TNC Male Right Angle Connector Clamp Solder Attachment For RG11, RG216
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
   75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE4599 PASTERNACK-PE4599 Datasheet
237Kb / 3P
   75 Ohm BNC Male Connector Clamp/ Solder Attachment For RG11, RG216
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
   75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
   75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4502 PASTERNACK-PE4502_16 Datasheet
330Kb / 3P
   75 Ohm N Male Right Angle Connector Clamp/Solder Attachment
PE4636 PASTERNACK-PE4636 Datasheet
267Kb / 2P
   75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com