Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIZ342DT Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIZ342DT
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ342DT Datasheet(HTML) 1 Page - Vishay Telefunken

  SIZ342DT Datasheet HTML 1Page - Vishay Telefunken SIZ342DT Datasheet HTML 2Page - Vishay Telefunken SIZ342DT Datasheet HTML 3Page - Vishay Telefunken SIZ342DT Datasheet HTML 4Page - Vishay Telefunken SIZ342DT Datasheet HTML 5Page - Vishay Telefunken SIZ342DT Datasheet HTML 6Page - Vishay Telefunken SIZ342DT Datasheet HTML 7Page - Vishay Telefunken SIZ342DT Datasheet HTML 8Page - Vishay Telefunken SIZ342DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SiZ342DT
www.vishay.com
Vishay Siliconix
S15-0031-Rev. B, 19-Jan-15
1
Document Number: 62949
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual N-Channel 30 V (D-S) MOSFET
Ordering Information:
SiZ342DT-T1-GE3 (lead (Pb)-free and halogen-free)
FEATURES
•PowerPAIR® optimizes high-side and low-side
MOSFETs for synchronous buck converters
• TrenchFET® Gen IV power MOSFETs
• 100 % Rg and UIS tested
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Synchronous buck
- Battery charging
- Computer system power
- Graphic cards
•POL
Notes
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAIR 3 x 3 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω) MAX.
ID (A)
Qg (Typ.)
Channel-1
and
Channel-2
30
0.0115 at VGS = 10 V
30 a
4.5 nC
0.0153 at VGS = 4.5 V
27.5
PowerPAIR® 3 x 3
Top View
1
3 mm
3 mm
1
3 m
m
3 mm
Bottom View
4
D
1
1
G
1
2
D
1
3
D
1
S
2
5
G
2
8
S
2
7
S
2
6
D1
S1/D2
(Pin 9)
D1
S2
N-Channel 2
MOSFET
N-Channel 1
MOSFET
G1
S1/D2
G2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
CHANNEL-1 AND CHANNEL-2
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+20 / -16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
30 a
A
TC = 70 °C
26.5
TA = 25 °C
15.6 b, c
TA = 70 °C
12.4 b, c
Pulsed Drain Current (t = 100 μs)
IDM
100
Continuous Source Drain Diode Current
TC = 25 °C
IS
13.9
TA = 25 °C
3.1 b, c
Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5mJ
Maximum Power Dissipation
TC = 25 °C
PD
16.7
W
TC = 70 °C
10.7
TA = 25 °C
3.7 b, c
TA = 70 °C
2.4 b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
Soldering Recommendations (Peak Temperature) d, e
260


Similar Part No. - SIZ342DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ342DT VISHAY-SIZ342DT Datasheet
1Mb / 11P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 19-Jan-15
SIZ342DT VISHAY-SIZ342DT Datasheet
326Kb / 10P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIZ342DT VISHAY-SIZ342DT_V01 Datasheet
326Kb / 10P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIZ342DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com