Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2008 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML2008
Description  關P Compatible Logarithmic Gain/Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2008 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML2008 Datasheet HTML 3Page - Micro Linear Corporation ML2008 Datasheet HTML 4Page - Micro Linear Corporation ML2008 Datasheet HTML 5Page - Micro Linear Corporation ML2008 Datasheet HTML 6Page - Micro Linear Corporation ML2008 Datasheet HTML 7Page - Micro Linear Corporation ML2008 Datasheet HTML 8Page - Micro Linear Corporation ML2008 Datasheet HTML 9Page - Micro Linear Corporation ML2008 Datasheet HTML 10Page - Micro Linear Corporation ML2008 Datasheet HTML 11Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ML2008, ML2009
1
1
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design.
Micro Linear does not assume any liability arising out of the application or use of any product described herein,
neither does it convey any license under its patent right nor the rights of others. The circuits contained in this
data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility
or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel
before deciding on a particular application.
DS2008_09-01
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML2008IP
–40
°C to 85°C
Molded PDIP (P18)
(EOL)
ML2008IQ
–40
°C to 85°C
Molded PLCC (Q20)
(EOL)
ML2008CP
0
°C to +70°C
Molded PDIP (P18)
(EOL)
ML2008CQ
0
°C to +70°C
Molded PLCC (Q20)
(EOL)
ML2009IP
–40
°C to 85°C
Molded PDIP (P18)
(OBS)
ML2009IQ
–40
°C to 85°C
Molded PLCC (Q20)
(OBS)
ML2009CP
0
°C to +70°C
Molded PDIP (P18)
(OBS)
ML2009CQ
0
°C to +70°C
Molded PLCC (Q20)
(OBS)
SEATING PLANE
0.240 - 0.260
(6.09 - 6.61)
PIN 1 ID
0.295 - 0.325
(7.49 - 8.26)
0.890 - 0.910
(22.60 - 23.12)
0.016 - 0.022
(0.40 - 0.56)
0.100 BSC
(2.54 BSC)
0.008 - 0.012
(0.20 - 0.31)
0.015 MIN
(0.38 MIN)
18
0º - 15º
1
0.050 - 0.065
(1.27 - 1.65)
0.170 MAX
(4.32 MAX)
0.125 MIN
(3.18 MIN)
0.045 MIN
(1.14 MIN)
(4 PLACES)
Package: P18
18-Pin PDIP
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940;
5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946. Other patents are pending.
PHYSICAL DIMENSIONS inches (millimeters)


Similar Part No. - ML2008

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
   Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
3Mb / 13P
   Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
1Mb / 13P
   Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
ML2002-2U MINILOGIC-ML2002-2U Datasheet
3Mb / 13P
   Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-2U MINILOGIC-ML2002-2U Datasheet
1Mb / 13P
   Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
More results

Similar Description - ML2008

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
   Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
Maxim Integrated Produc...
MAX6314 MAXIM-MAX6314 Datasheet
114Kb / 8P
   68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
MX390 MAXIM-MX390 Datasheet
171Kb / 4P
   Quad, 12-Bit, 關P-Compatible DAC
Rev 0; 2/93
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
   CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
   CMOS 關P-Compatible 12-Bit DAC
REV. A
logo
API Technologies Corp
HS9338 APITECH-HS9338 Datasheet
2Mb / 3P
   Complete 關P Compatible 12-Bit DAC
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
logo
National Semiconductor ...
ADC1005 NSC-ADC1005_09 Datasheet
446Kb / 16P
   10-Bit 關P Compatible A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com