Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54373 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54373
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54373 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54373_15 Datasheet HTML 7Page - Texas Instruments TPS54373_15 Datasheet HTML 8Page - Texas Instruments TPS54373_15 Datasheet HTML 9Page - Texas Instruments TPS54373_15 Datasheet HTML 10Page - Texas Instruments TPS54373_15 Datasheet HTML 11Page - Texas Instruments TPS54373_15 Datasheet HTML 12Page - Texas Instruments TPS54373_15 Datasheet HTML 13Page - Texas Instruments TPS54373_15 Datasheet HTML 14Page - Texas Instruments TPS54373_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS54373
SLVS455B − JANUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
11
PERFORMANCE GRAPHS
Data shown is for the circuit in Figure 10 with precharge disabled (D1 and D2 removed) except for slow-start timing
of Figure 19. All data is for VI = 3.3 V, VO = 2.5 V, fs = 700 kHz and TA = 25°C, unless otherwise specified.
Figure 12
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.5
VI = 5 V, VO = 2.5 V
EFFICIENCY
vs
OUTPUT CURRENT
IO − Output Current − A
VI = 3.3 V, VO = 2.5 V
Figure 13
1.77
1.78
1.79
1.8
1.81
1.82
1.83
0
0.5
1
1.5
2
2.5
3
3.5
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − A
VI = 5 V
VI = 3.3 V
Figure 14
3
3.5
4
4.5
5
5.5
6
IO = 3 A
VI − Input Voltage − V
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
1.77
1.78
1.79
1.8
1.81
1.82
1.83
IO = 1.5 A
IO = 0 A
Figure 15
−40
0
10
40
60
100
1 k
10 k
100 k
1 M
−120
−60
30
120
180
f − Frequency − Hz
LOOP RESPONSE
−30
−20
−10
20
30
50
150
60
90
0
−30
−90
Phase
Gain
Figure 16
25
35
45
55
65
75
85
95
105
115
125
01
23
4
AMBIENT TEMPERATURE
vs
LOAD CURRENT
IL − Load Current − A
Safe Operating Area(1)
VI = 3.3 V
VI = 5 V
Figure 17
Time − 1 µs/div
OUTPUT RIPPLE VOLTAGE
(1) Safe operating area is applicable to the test board conditions in the Dissipation Ratings
Figure 18
1.0 µs/div
LOAD TRANSIENT RESPONSE
I = 0.75 A to 2.25 A
Figure 19
5.0 ms/div
SLOW-START TIMING
VO = 1.8 V
VI = 3.3 V
RL = 1 Ω


Similar Part No. - TPS54373_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54373PWP TI-TPS54373PWP Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373PWP TI1-TPS54373PWP Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
TPS54373PWPG4 TI1-TPS54373PWPG4 Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
TPS54373PWPR TI1-TPS54373PWPR Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
TPS54373PWPRG4 TI1-TPS54373PWPRG4 Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
More results

Similar Description - TPS54373_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI1-TPS54873_16 Datasheet
707Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54377 TI-TPS54377 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com