Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54394 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54394
Description  3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54394 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54394_15 Datasheet HTML 1Page - Texas Instruments TPS54394_15 Datasheet HTML 2Page - Texas Instruments TPS54394_15 Datasheet HTML 3Page - Texas Instruments TPS54394_15 Datasheet HTML 4Page - Texas Instruments TPS54394_15 Datasheet HTML 5Page - Texas Instruments TPS54394_15 Datasheet HTML 6Page - Texas Instruments TPS54394_15 Datasheet HTML 7Page - Texas Instruments TPS54394_15 Datasheet HTML 8Page - Texas Instruments TPS54394_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Input Voltage
PGND
PGND
C4
SW1
VIN1
VBST1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW2
PG1
5
1
3
PG2
9
10
11
PGND2
2
4
7
13
12
TPS54394
HTSSOP16
14
8
15
16
PGND
SGND
SGND
C11
VO1
C21
R11
R21
L11
C31
C32
L12
C12
VO2
C22
R12
R22
(PowerPAD)
TPS54394
www.ti.com
SLVSBE6B – JUNE 2012 – REVISED AUGUST 2013
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Check for Samples: TPS54394
1
FEATURES
APPLICATIONS
2
D-CAP2™ Control Mode
Point-of-Load Regulation in Low Power
Systems for Wide Range of Applications
Fast Transient Response
Digital TV Power Supply
No External Parts Required For Loop
Compensation
Networking Home Terminal
Compatible with Ceramic Output
Digital Set Top Box (STB)
Capacitors
DVD Player/Recorder
Wide Input Voltage Range : 4.5 V to 18 V
Gaming Consoles and Other
Output Voltage Range : 0.76 V to 7 V
DESCRIPTION
Highly Efficient Integrated FETs Optimized for
The TPS54394 is a dual, adaptive on-time D-CAP2™
Low Duty Cycle Applications
mode synchronous buck converter. The TPS54394
90 m
Ω (High Side) and 60 mΩ (Low Side)
enables system designers to complete the suite of
High Initial Reference Accuracy
various end equipment’s power bus regulators with a
cost effective, low component count, and low standby
Supports Constant 3 A at Both Channels
current solution. The main control loops of the
Low-Side rDS(on) Loss-Less Current Sensing
TPS54394 use the D-CAP2™ mode control which
Fixed Soft Start : 1 ms
provides a very fast transient response with no
Non-Sinking Pre-Biased Soft Start
external compensation components. The adaptive on-
time control supports seamless transition between
Powergood
PWM mode at higher load conditions and Eco-
700 kHz Switching Frequency
mode™ operation at light loads. Eco-mode™ allows
Cycle-by-Cycle Over-Current Limit Control
the TPS54394 to maintain high efficiency during
lighter load conditions. The TPS54394 is able to
Hiccup Timer for Overload Protection
adapt to both low equivalent series resistance (ESR)
OCL/UVLO/TSD Protections
output capacitors such as POSCAP or SP-CAP, and
Adaptive Gate Drivers with Integrated Boost
ultra-low
ESR,
ceramic
capacitors.
The
device
PMOS Switch
provides convenient and efficient operation with input
voltages from 4.5V to 18V.
OCP Constant Due To Thermally Compensated
rDS(on) with 4000ppm/℃
The TPS54394 is available in a 4.4 mm × 5 mm 16-
pin TSSOP (PWP) and 4 mm x 4 mm 16-pin VQFN
16-Pin HTSSOP, 16-Pin VQFN
(RSA) package, and is specified for an ambient
Auto-Skip Eco-mode™
 
 for High Efficiency at
temperature range from –40°C to 85°C.
Light Load
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode, Eco-Mode are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54394_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54394_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com