Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2036CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML2036CS
Description  Serial Input Programmable Sine Wave Generator with Digital Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2036CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML2036CS Datasheet HTML 1Page - Micro Linear Corporation ML2036CS Datasheet HTML 2Page - Micro Linear Corporation ML2036CS Datasheet HTML 3Page - Micro Linear Corporation ML2036CS Datasheet HTML 4Page - Micro Linear Corporation ML2036CS Datasheet HTML 5Page - Micro Linear Corporation ML2036CS Datasheet HTML 6Page - Micro Linear Corporation ML2036CS Datasheet HTML 7Page - Micro Linear Corporation ML2036CS Datasheet HTML 8Page - Micro Linear Corporation ML2036CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ML2036
5
Figure 1. Serial Interface Timing.
Figure 3. CLK IN Input Current vs. Input Voltage.
CLK IN
SCK
SID
LATI
tLPW
tLS
tLH
tDS
tDH
tSCK
tSCK
tCKI
tCKI
100
75
50
25
0
-25
-50
-75
-100
INPUT VOLTAGE (V)
01
3
5
4
2
Figure 2. Digital Clock Output Timing.
fCLK1
fCLKIN
fCLK2
t1R
t1F
t2F
t2R
fCLK PARAMETERS REFERRED TO 1.4V MIDPOINT
CLKIN
CLKOUT1
CLKOUT2


Similar Part No. - ML2036CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
More results

Similar Description - ML2036CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
   Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
   Sine-wave PWM control
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com