Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2111 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML2111
Description  Universal Dual High Frequency Filter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML2111 Datasheet HTML 5Page - Micro Linear Corporation ML2111 Datasheet HTML 6Page - Micro Linear Corporation ML2111 Datasheet HTML 7Page - Micro Linear Corporation ML2111 Datasheet HTML 8Page - Micro Linear Corporation ML2111 Datasheet HTML 9Page - Micro Linear Corporation ML2111 Datasheet HTML 10Page - Micro Linear Corporation ML2111 Datasheet HTML 11Page - Micro Linear Corporation ML2111 Datasheet HTML 12Page - Micro Linear Corporation ML2111 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ML2111
9
Figure 3A. Q Deviation vs. Temperature
(50:1, VS = ±5V)
Figure 2H. Q Error vs. fCLK (100:1, VS = ±2.5V)
fCLK (MHz)
16
12
8
4
0
–4
–8
–12
02
7
5
13
6
4
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.5VRMS
TYPICAL PERFORMANCE CURVES (Continued)
Mode 1
Q = 10
VIN = 0.5VRMS
TA = 85ºC
TA = 25ºC
fCLK (MHz)
16
12
8
4
0
–4
–8
–12
02
7
5
13
6
4
Figure 3B. Q Deviation vs. Temperature
(100:1, VS = ±5V)
Temperature (ºC)
20
60
–20
–40
40
80
0
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
Mode 1
Q = 10
f0 = 100kHz
fCLK = 5MHz
VIN = 0.707VRMS
100
Temperature (ºC)
20
60
100
–20
–40
40
80
0
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
Mode 1
Q = 10
f0 = 50kHz
fCLK = 5MHz
VIN = 0.707VRMS
Figure 3C. Q Deviation vs. Temperature
(50:1, VS = ±2.5V)
Figure 3D. Q Deviation vs. Temperature
(100:1, VS = ±2.5V)
Temperature (ºC)
20
60
100
–20
–40
40
80
0
0.2
0.0
–0.2
–0.4
Mode 1
Q = 10
f0 = 50kHz
fCLK = 2.5MHz
VIN = 0.5VRMS
Temperature (ºC)
20
60
100
–20
–40
40
80
0
0.2
0.0
–0.2
–0.4
Mode 1
Q = 10
f0 = 25kHz
fCLK = 2.5MHz
VIN = 0.5VRMS


Similar Part No. - ML2111

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2110 OKI-ML2110 Datasheet
532Kb / 101P
   Speech Control Processor
ML2110TC OKI-ML2110TC Datasheet
532Kb / 101P
   Speech Control Processor
More results

Similar Description - ML2111

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
   High Frequency Resistor Programmable Universal Active Filter
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
   DUAL UNIVERSAL ACTIVE FILTER
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Linear Technology
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com