Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54528 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54528
Description  TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54528 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54528_15 Datasheet HTML 4Page - Texas Instruments TPS54528_15 Datasheet HTML 5Page - Texas Instruments TPS54528_15 Datasheet HTML 6Page - Texas Instruments TPS54528_15 Datasheet HTML 7Page - Texas Instruments TPS54528_15 Datasheet HTML 8Page - Texas Instruments TPS54528_15 Datasheet HTML 9Page - Texas Instruments TPS54528_15 Datasheet HTML 10Page - Texas Instruments TPS54528_15 Datasheet HTML 11Page - Texas Instruments TPS54528_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Ambient Temperature
TPS54528
SLVSAY4C – JULY 2011 – REVISED MARCH 2014
www.ti.com
Typical Characteristics (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 11. Maximum Power Dissipation
8
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPS54528


Similar Part No. - TPS54528_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
More results

Similar Description - TPS54528_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com