Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54531 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54531
Description  TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54531 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54531_15 Datasheet HTML 6Page - Texas Instruments TPS54531_15 Datasheet HTML 7Page - Texas Instruments TPS54531_15 Datasheet HTML 8Page - Texas Instruments TPS54531_15 Datasheet HTML 9Page - Texas Instruments TPS54531_15 Datasheet HTML 10Page - Texas Instruments TPS54531_15 Datasheet HTML 11Page - Texas Instruments TPS54531_15 Datasheet HTML 12Page - Texas Instruments TPS54531_15 Datasheet HTML 13Page - Texas Instruments TPS54531_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
(
)
( )
( )
(
)
SS
ref
SS
SS
C
nF
V
V
T
ms
=
I
A
´
m
EN
START
EN
V
Ren2 =
V
- V
+ 1
A
Ren1
m
START
STOP
V
- V
Ren1 =
3
A
m
EN
1.25 V
VIN
+
Ren1
Ren2
TPS54531
1
A
m
3
A
m
TPS54531
SLVSBI5A – MAY 2013 – REVISED OCTOBER 2014
www.ti.com
Feature Description (continued)
The TPS54531 device is disabled when the VIN pin voltage falls below the internal VIN UVLO threshold. Using
an external VIN UVLO to add at least 500-mV hysteresis is recommended unless the VIN voltage is greater than
(VOUT + 2 V). To adjust the VIN UVLO with hysteresis, use the external circuitry connected to the EN pin as
shown in Figure 9. When the EN pin voltage exceeds 1.25 V, an additional 3
μA of hysteresis is added. Use
Equation 1 and Equation 2 to calculate the resistor values required for the desired VIN UVLO threshold voltages.
The VSTOP should always be greater than 3.5 V.
Figure 9. Adjustable Input Undervoltage Lockout
where
VSTART is the input start threshold voltage
VSTOP is the input stop threshold voltage
(1)
where
VEN is the enable threshold voltage of 1.25 V
(2)
The external start and stop voltages are approximate. The actual start and stop voltages may vary.
8.3.5 Programmable Slow Start Using SS Pin
Programming the slow-start time externally is highly recommended because no slow-start time is implemented
internally. The TPS54531 device effectively uses the lower voltage of the internal voltage reference or the SS pin
voltage as the reference voltage of the power supply that is fed into the error amplifier and regulates the output
accordingly. A capacitor (CSS) on the SS pin to ground implements a slow-start time. The TPS54531 device has
an internal pullup current source of 2
μA that charges the external slow-start capacitor. Use Equation 3 to
calculate the slow-start time (10% to 90%).
where
Vref = 0.8 V
ISS = 2 μA
(3)
The slow-start time should be set between 1 ms to 10 ms to ensure good startup behavior. The value slow-start
capacitor should not exceed 27 nF.
During normal operation, the TPS54531 device stops switching if the input voltage drops below the VIN UVLO
threshold, the EN pin is pulled below 1.25 V, or a thermal shutdown event occurs.
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS54531


Similar Part No. - TPS54531_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54531DDA TI1-TPS54531DDA Datasheet
1Mb / 27P
[Old version datasheet]   5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
TPS54531DDAR TI1-TPS54531DDAR Datasheet
1Mb / 27P
[Old version datasheet]   5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
More results

Similar Description - TPS54531_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com