Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-023 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 801-023
Description  Mighty Mouse Double-Start ACME Thread
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-023 Datasheet(HTML) 1 Page - Glenair, Inc.

  801-023 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
D-23
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
D
Right Angle PCB Receptacle
connectors offer military grade
performance in a small, lightweight
package. These connectors are rated for
MIL-STD-810 Method 512 immersion.
High temperature thermoplastic
housing withstands soldering
temperatures. Stainless steel threaded
inserts simplify attachment to printed
circuit board.
Series 801 Mighty Mouse Double-Start ACME Thread
Right Angle PCB Receptacle
801-023 Ordering Information
ƒ
Double-Start ACME Thread
ƒ
Right Angle Contacts
ƒ
High Temperature Housing
ƒ
Threaded Inserts
ƒ
Environmentally Sealed
How To Order
Sample Part Number
801-023
-07
M
7-10
P
A
Series
801-023 = PCB Right Angle Receptacle
Shell Style
-07 = Jam Nut
Material and Finish
C = Aluminum / Black Anodize (Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel RoHS Compliant
MT = Aluminum / Nickel-PTFE RoHS Compliant
NF = Aluminum / Cadmium with Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with Black Chromate
Z1 = Stainless Steel / Passivated RoHS Compliant
Shell Size - Insert
Arrangement
5-3, 6-1, 6-23, 6-4, 6-6, 6-7, 7-1, 7-25, 7-10, 8-2, 8-28, 8-13, 9-4, 9-210, 9-19, 9-200, 10-2, 10-5, 10-201
Contact Type
P = Pin
S = Socket
Shell Key Positions
(See Table I)
A = Normal B = Pos. B C = Pos. C D = Pos. D E = Pos. F F = Pos. F
Table I: Alternate Keyway Positions
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°


Similar Part No. - 801-023

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-023-07C5-3PB GLENAIR-801-023-07C5-3PB Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-023-07C5-3PC GLENAIR-801-023-07C5-3PC Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-023-07C5-3SA GLENAIR-801-023-07C5-3SA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-023-07C5-3SB GLENAIR-801-023-07C5-3SB Datasheet
322Kb / 3P
   Double-Start ACME Thread
More results

Similar Description - 801-023

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-026 GLENAIR-801-026 Datasheet
124Kb / 1P
   Mighty Mouse Double Start ACME Thread
801-031 GLENAIR-801-031 Datasheet
133Kb / 1P
   Mighty Mouse Double Start ACME Thread
801-074 GLENAIR-801-074 Datasheet
177Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
801-075 GLENAIR-801-075 Datasheet
175Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
805-057 GLENAIR-805-057 Datasheet
186Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
805-009 GLENAIR-805-009 Datasheet
124Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com