Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-038 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 801-038
Description  Mighty Mouse High-Speed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-038 Datasheet(HTML) 1 Page - Glenair, Inc.

  801-038_15 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
P-10
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
P
Series 801 Mighty Mouse High-Speed
Double-Start ACME Threads
801-038 PCB Receptacle Ordering Information
Printed Circuit Board Receptacles feature low profile shells for minimum protrusion inside
enclosures and integral standoffs for board washout. The connector is equipped with special
PFA (Teflon) insulators and is optimized for use with high-speed differential wire such as our
963-001 Series cable. Five insert arrangements are offered with 4, 7, 10, 19 and 26 PC tail or
solder cup terminations. Contacts are non-removable.
Water Immersion, Unmated Specify 801-038 connectors for applications where open
face water immersion is not a requirement. For MIL-STD-810 Method 512G immersion
requirements, specify 801-041 watertight connectors . These 801-041 connectors are specially
sealed (“MOD-518”) and are 100% tested to maintain a helium leak rate of 1 x 10-4cc/second
at one atmosphere pressure differential from -40° C to +70° C.
How To Order
Sample Part Number
801-038
-07
M
7-10
P
A
Series
801-038 = PCB or Solder Cup Terminated Receptacle with Standard
Epoxy Potting.
801-041 = Receptacle for Solder Cup or PCB Termination with Special
Mod Code 518 Sealing for Open Face (Unmated) Water Immersion
Requirements. 100% Leak Tested.
Shell Style
(See Table I)
-02 = Square Flange For Front or Rear Mounting
-07 = Jam Nut For Rear Panel Mounting
Shell Material and Finish
M = Aluminum / Electroless Nickel RoHS Compliant
NF = Aluminum / Cadmium with Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with Black Chromate
MT = Aluminum / Nickel-PTFE RoHS Compliant
Z1 = Stainless Steel / Passivated RoHS Compliant
Shell Size - Insert Arrangement 6-4, 6-7, 7-10, 9-19, 10-26 (See page P-3)
Contact Type
P = Pin, PC Tail
E = Pin, Solder Cup
S = Socket , PC Tail
F = Socket, Solder Cup
Shell Key Positions
A = Normal B = Pos. B C = Pos. C D = Pos. D E = Pos. E F = Pos. F
(See Page P-3)
Table II: Shell Size – Insert Arrangement
2
1
3
4
2
1
7
3
4
5
6
2
1
3
8
9
10
4
7
2
1
3
4
8
19 18
13
17
12
16
7
2
4
9
12
16
21
24
26
25
23
18
15
11
1
6
3
6-4
6-7
7-10
9-19
10-26
Table I: Shell Style
-02 Square Flange
-07 Jam Nut


Similar Part No. - 801-038_15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-038 GLENAIR-801-038 Datasheet
109Kb / 1P
   Series 801 Mighty Mouse High-Speed Double-Start ACME Threads
More results

Similar Description - 801-038_15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-020 GLENAIR-805-020 Datasheet
197Kb / 1P
   Mighty Mouse High-Speed
805-118 GLENAIR-805-118 Datasheet
256Kb / 1P
   Mighty Mouse High-Speed Connector
805-117 GLENAIR-805-117 Datasheet
282Kb / 1P
   Mighty Mouse High-Speed Connector
801-078 GLENAIR-801-078 Datasheet
225Kb / 1P
   Mighty Mouse High-Speed Connector
805-116 GLENAIR-805-116 Datasheet
254Kb / 1P
   Mighty Mouse High-Speed Connector
801-077 GLENAIR-801-077 Datasheet
232Kb / 1P
   Mighty Mouse High-Speed Connector
805-115 GLENAIR-805-115 Datasheet
272Kb / 1P
   Mighty Mouse High-Speed Cordset
801-037 GLENAIR-801-037 Datasheet
416Kb / 2P
   Mighty Mouse High-Speed Connectors
801-081 GLENAIR-801-081 Datasheet
232Kb / 1P
   Mighty Mouse High-Speed Connector
804-030 GLENAIR-804-030 Datasheet
415Kb / 2P
   Push-Pull High-Speed Mighty Mouse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com