Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54561-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54561-Q1
Description  TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54561-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54561-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS54561-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
450
460
470
480
490
500
510
520
530
540
550
D025
Resistance at RT/CLK (k:)
200
300
400
500
600
700
800
900
1000
100
150
200
250
300
350
400
450
500
D024
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
6
6.5
7
7.5
8
8.5
9
D027
Input Voltage (V)
0
10
20
30
40
50
60
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
D026
-40G
25G
150G
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
0.05
0.1
0.15
0.2
0.25
D004
BOOT-SW = 3 V
BOOT-SW = 6 V
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
0.784
0.789
0.794
0.799
0.804
0.809
0.814
D028
TPS54561-Q1
www.ti.com
SLVSC60 – SEPTEMBER 2014
6.8 Typical Characteristics
VDD = 12 V
Figure 1. On-Resistance vs Junction Temperature
Figure 2. Voltage Reference vs Junction Temperature
VDD = 12 V
Figure 4. Switch-Current Limit vs Input Voltage
Figure 3. Switch-Current Limit vs Junction Temperature
R(RT) = 200 kΩ
VDD = 12 V
Figure 5. Switching Frequency vs Junction Temperature
Figure 6. Switching Frequency vs RT/CLK Resistance,
Low-Frequency Range
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54561-Q1


Similar Part No. - TPS54561-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
More results

Similar Description - TPS54561-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54561 TI-TPS54561_15 Datasheet
2Mb / 53P
[Old version datasheet]   TPS54561 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter with Soft-Start and Eco-mode?
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_17 Datasheet
2Mb / 46P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com