Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54617 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54617
Description  3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54617 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54617_15 Datasheet HTML 7Page - Texas Instruments TPS54617_15 Datasheet HTML 8Page - Texas Instruments TPS54617_15 Datasheet HTML 9Page - Texas Instruments TPS54617_15 Datasheet HTML 10Page - Texas Instruments TPS54617_15 Datasheet HTML 11Page - Texas Instruments TPS54617_15 Datasheet HTML 12Page - Texas Instruments TPS54617_15 Datasheet HTML 13Page - Texas Instruments TPS54617_15 Datasheet HTML 14Page - Texas Instruments TPS54617_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PERFORMANCE GRAPHS
35
41
47
53
59
65
71
77
83
89
95
IO − OutputCurrent − A
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
V =6V
I
V =5V
I
V =3V
I
V =3.3V
I
f =1600kHz
s
V =1.8V
O
I
− OutputCurrent − A
O
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
6
V =3V
I
V =5V
I
V =3.3V
I
f =1600kHz
T =25 C
V =1.8V
s
A
O
o
V =6V
I
V − InputVoltage − V
I
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
3
3.5
4
4.5
5
5.5
6
I =0 A
O
I =3 A
O
I =6 A
O
f =1600kHz
T =25 C
V =1.8V
s
A
O
o
t − Time − 1 s/div
m
V =5V
I
V =1.8V
O
f =1600kHz
V =6 A
s
O
t − Time − 5 s/div
m
V =5V
I
V =1.8V
O
25
50
75
100
125
0
1
2
3
4
5
6
7
8
I − OutputCurrent − A
O
V =3.3V
I
f =1600kHz
s
T =125°C
j
V =1.8V
O
t − Time − 5ms/div
V =5V
I
V =1.8V
O
0.047 F
Slow-StartCapacitor
m
t − Time − 1 s/div
m
V =5V
I
V =1.8V
O
f =1600kHz
V =6 A
s
O
-60dB
-40dB
-30dB
-20dB
-10dB
0dB
10dB
20dB
30dB
60dB
-180deg
-120deg
-90deg
-60deg
-30deg
0deg
30deg
60deg
90deg
120deg
180deg
1-Gain
1-Phase
Frequency
100kHz
1M
40dB
50dB
-50dB
100Hz
1kHz
10kHz
150deg
-150deg
TPS54617
www.ti.com ........................................................................................................................................... SLVS880A – NOVEMBER 2008 – REVISED JANUARY 2009
EFFICIENCY
LOAD REGULATION
LINE REGULATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
INPUT VOLTAGE
Figure 12.
Figure 13.
Figure 14.
AMBIENT TEMPERATURE
vs
LOAD CURRENT(1)
OUTPUT RIPPLE VOLTAGE
TRANSIENT RESPONSE
Figure 15.
Figure 16.
Figure 17.
SLOW-START TIMING
INPUT RIPPLE VOLTAGE
CLOSED LOOP RESPONSE
Figure 18.
Figure 19.
Figure 20.
(1)Safe operating area is applicable to the test board conditions listed in the dissipation rating table section of this
data sheet.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS54617


Similar Part No. - TPS54617_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54617 TI1-TPS54617_17 Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54617_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54617 TI1-TPS54617_17 Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617 TI-TPS54617 Datasheet
584Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com