Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54627 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54627
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54627 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54627_15 Datasheet HTML 1Page - Texas Instruments TPS54627_15 Datasheet HTML 2Page - Texas Instruments TPS54627_15 Datasheet HTML 3Page - Texas Instruments TPS54627_15 Datasheet HTML 4Page - Texas Instruments TPS54627_15 Datasheet HTML 5Page - Texas Instruments TPS54627_15 Datasheet HTML 6Page - Texas Instruments TPS54627_15 Datasheet HTML 7Page - Texas Instruments TPS54627_15 Datasheet HTML 8Page - Texas Instruments TPS54627_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EXPOSED
THERMAL PAD
TPS54627
DDA
HSOP8
VFB
2
1
EN
3
VREG5
VBST
7
SW
6
GND
5
8
VIN
4
SS
TPS54627
www.ti.com
SLVSBW6A – APRIL 2013 – REVISED SEPTEMBER 2013
DEVICE INFORMATION
DDA PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
EN
1
Enable input control. EN is active high and must be pulled up to enable the device.
VFB
2
Converter feedback input. Connect to output voltage with feedback resistor divider.
5.5 V power supply output. A capacitor (typical 1 µF) should be connected to GND. VREG5 is not active
VREG5
3
when EN is low.
SS
4
Soft-start control. An external capacitor should be connected to GND.
Ground pin. Power ground return for switching circuit. Connect sensitive SS and VFB returns to GND at
GND
5
a single point.
SW
6
Switch node connection between high-side NFET and low-side NFET.
Supply input for the high-side FET gate drive circuit. Connect 0.1µF capacitor between VBST and SW
VBST
7
pins. An internal diode is connected between VREG5 and VBST.
VIN
8
Input voltage supply pin.
Exposed Thermal
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Must be connected to
Back side
Pad
GND.
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links :TPS54627


Similar Part No. - TPS54627_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54627DDA TI-TPS54627DDA Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54627DDAR TI-TPS54627DDAR Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
More results

Similar Description - TPS54627_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com