Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9703-10 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S9703-10
Description  Photo IC for laser beam synchronous detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9703-10 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S9703-10_15 Datasheet HTML 1Page - Hamamatsu Corporation S9703-10_15 Datasheet HTML 2Page - Hamamatsu Corporation S9703-10_15 Datasheet HTML 3Page - Hamamatsu Corporation S9703-10_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cat. No. KPIC1068E03 Mar. 2013 DN
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of March, 2013.
Photo IC for laser beam synchronous detection
S9703-10/-11
4
Time
300 °C
220 °C
190 °C
170 °C
Preheat
70 to 90 s
Soldering
40 s max.
240 °C max.
KPICB0171EA
Measured example of temperature profile with our hot-air reflow oven for product testing
These products support lead-free soldering. After unpacking, store them in an environment at a temperature of 30 °C or less and a
humidity of 60% or less, and perform soldering within 24 hours.


Similar Part No. - S9703-10_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9703-10 HAMAMATSU-S9703-10 Datasheet
67Kb / 2P
   Photo IC for laser beam synchronous detection
More results

Similar Description - S9703-10_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9703-10 HAMAMATSU-S9703-10 Datasheet
67Kb / 2P
   Photo IC for laser beam synchronous detection
S9684 HAMAMATSU-S9684 Datasheet
98Kb / 2P
   Photo IC for laser beam synchronous detection
S10317 HAMAMATSU-S10317_15 Datasheet
426Kb / 6P
   Photo IC for laser beam synchronous detection
S9684 HAMAMATSU-S9684_15 Datasheet
172Kb / 5P
   Photo IC for laser beam synchronous detection
S10317 HAMAMATSU-S10317 Datasheet
60Kb / 2P
   Photo IC for laser beam synchronous detection Low voltage operation (3.3 V)
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
Panasonic Semiconductor
CNZ1105 PANASONIC-CNZ1105 Datasheet
90Kb / 3P
   Photo Interrupter For contactless SW, object detection
CNA1012K PANASONIC-CNA1012K Datasheet
88Kb / 3P
   Photo lnterrupter For contactless SW, object detection
logo
Extech Instruments Corp...
461923 EXTECH-461923 Datasheet
154Kb / 4P
   LASER PHOTO TACHOMETER
461920 EXTECH-461920 Datasheet
105Kb / 6P
   Laser Photo Tachometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com