Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9648-200SB Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S9648-200SB
Description  Photo IC diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9648-200SB Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S9648-200SB_15 Datasheet HTML 1Page - Hamamatsu Corporation S9648-200SB_15 Datasheet HTML 2Page - Hamamatsu Corporation S9648-200SB_15 Datasheet HTML 3Page - Hamamatsu Corporation S9648-200SB_15 Datasheet HTML 4Page - Hamamatsu Corporation S9648-200SB_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Photo IC diode
S9648-200SB
3
Operating circuit example
KPICC0091EC
The photo IC diode must be reverse-biased so that a positive potential is applied to the cathode.
To eliminate high-frequency components, we recommend placing a load capacitance CL in parallel with load resistance RL as a
low-pass filter.
Cutoff frequency (fc)
2
πCLRL
1
Photodiode
for signal offset
Cathode
Anode
CL
RL
Vout
Reverse bias
power supply
The drawing surrounded
by the dotted line shows
a schematic diagram of
the photo IC.
Current amp
(Approx. 30000 times)
Photodiode
for signal detection
Internal protection
resistance
(Approx. 150 Ω)
Rise/fall times vs. load resistance
Directivity
0.1
1
10
100
0.01
100
10 k
1 k
100 k
Load resistance (Ω)
1 M
(Typ. Ta=25 °C, VR=7.5 V, λ=560 nm, Vo=2.5 V)
Rise time
Fall time
90°
80°
70°
60°
50°
40°
30°
90°
80°
70°
60°
50°
40°
30°
20°
10° 0°
10°
20°
0
20
40
60
80
100
20
40
60
80
100
Relative sensitivity (%)
(Typ. Ta=25 °C, tungsten lamp)
KPICB0077EB
KPICB0174EA


Similar Part No. - S9648-200SB_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9648-100 HAMAMATSU-S9648-100 Datasheet
274Kb / 3P
   Plastic package shaped the same as metal package
More results

Similar Description - S9648-200SB_15

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOD-1082 KODENSHI-KOD-1082 Datasheet
295Kb / 2P
   Photo diode IC
KOD-2410 KODENSHI-KOD-2410 Datasheet
202Kb / 2P
   Photo diode IC
logo
Hamamatsu Corporation
S10604-200CT HAMAMATSU-S10604-200CT_15 Datasheet
537Kb / 7P
   Photo IC diode
logo
KODENSHI_AUK CORP.
KOD-1017 KODENSHI-KOD-1017 Datasheet
348Kb / 2P
   Photo diode IC
KOD-1016 KODENSHI-KOD-1016 Datasheet
270Kb / 2P
   Photo diode IC
KOD-1086 KODENSHI-KOD-1086 Datasheet
318Kb / 2P
   Photo diode IC
KOD-1081 KODENSHI-KOD-1081 Datasheet
290Kb / 2P
   Photo diode IC
KOD-3005 KODENSHI-KOD-3005 Datasheet
187Kb / 2P
   Photo diode IC
logo
Hamamatsu Corporation
S11154-201CT HAMAMATSU-S11154-201CT_15 Datasheet
294Kb / 8P
   Photo IC diode
S11153-01MT HAMAMATSU-S11153-01MT_15 Datasheet
236Kb / 6P
   Photo IC diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com