Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7183 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S7183
Description  Photo IC diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7183 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  S7183_15 Datasheet HTML 1Page - Hamamatsu Corporation S7183_15 Datasheet HTML 2Page - Hamamatsu Corporation S7183_15 Datasheet HTML 3Page - Hamamatsu Corporation S7183_15 Datasheet HTML 4Page - Hamamatsu Corporation S7183_15 Datasheet HTML 5Page - Hamamatsu Corporation S7183_15 Datasheet HTML 6Page - Hamamatsu Corporation S7183_15 Datasheet HTML 7Page - Hamamatsu Corporation S7183_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Photo IC diodes
S7183, S7184
7
Operating voltage, output characteristics
RL
(external resistor)
IL
Photo IC
diode
Rin=150 Ω ± 20%
(internal protection resistor)
Vcc
KPICC0128EC
[Figure 1] Measurement circuit example
Figure 2 shows the photocurrent vs. reverse voltage characteristics (light source: LED) for the measurement circuit example in Figure
1. The output curves are shown for illuminance levels. The output curves rise from a reverse voltage (rising voltage) of approximately 0.7
V (±10%).
To protect the photo IC diode from excessive current, a 150 Ω (±20%) protection resistor is inserted in the circuit. Reverse voltage VR
when the photo IC diode is saturated is the sum of Vbe(ON) and the voltage drop across the protection resistor Rin [Equation (1)].
VR = Vbe(ON) + IL × Rin ............ (1)
The photodiode’s reverse voltage (VR) is expressed by Equation (2) according to the voltage drop across the external resistor. This is
indicated as load lines in Figure 2.
VR = Vcc - IL × RL ............ (2)
In Figure 2, the intersections between the output curves and the load lines are the saturation points. From these points, the maximum
detectable light level can be specified. Since the maximum light level is determined by the supply voltage (Vcc) and load resistance (RL),
adjust them according to the operating conditions.
Note: The temperature characteristics of Vbe(ON) is approximately -2 mV/°C, and that of the protection resistor is approximately
0.1%/°C.


Similar Part No. - S7183_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7183 HAMAMATSU-S7183 Datasheet
98Kb / 2P
   Photo IC diode Linear current amplification of photodiode output
More results

Similar Description - S7183_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9066-211SB HAMAMATSU-S9066-211SB_15 Datasheet
205Kb / 9P
   Photo IC diodes
logo
KODENSHI_AUK CORP.
PIC0103SD KODENSHI-PIC0103SD Datasheet
171Kb / 2P
   Photo IC
logo
Toshiba Semiconductor
TPS831 TOSHIBA-TPS831 Datasheet
298Kb / 6P
   TOSHIlBA PHOTO IC SI MONOLITHIC PHOTO IC
logo
KODENSHI_AUK CORP.
HP-2MLR KODENSHI-HP-2MLR Datasheet
187Kb / 2P
   Photo diodes
HP-5FR2 KODENSHI-HP-5FR2 Datasheet
206Kb / 2P
   Photo diodes
HP5FR2 KODENSHI-HP5FR2 Datasheet
198Kb / 2P
   Photo diodes
SP-1CL3 KODENSHI-SP-1CL3 Datasheet
268Kb / 2P
   Photo diodes
SP-1CL3R2 KODENSHI-SP-1CL3R2 Datasheet
273Kb / 2P
   Photo diodes
HP-3MLR2 KODENSHI-HP-3MLR2 Datasheet
205Kb / 2P
   Photo diodes
HP-2FR4 KODENSHI-HP-2FR4 Datasheet
194Kb / 2P
   Photo diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com