Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-008-06 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 802-008-06
Description  Submersible Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-008-06 Datasheet(HTML) 1 Page - Glenair, Inc.

  802-008-06 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
W-19
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
W
Dimensions
Shell
Size
A Hex
B Max.
C
Ø D
E Threads
Accessory
In.
mm.
In.
mm.
Mating Threads
In.
mm.
5
.500
12.70
.560
14.22
.438-28 UNEF
.232
5.90
.2500-32 UNEF-2A
6
.625
15.88
.720
18.29
.562-20 UN
.312
7.92
.3125-32 UNEF-2A
7
.688
17.48
.780
19.81
.625-20 UN
.375
9.53
.4375-28 UNEF-2A
8
.750
19.05
.860
21.84
.687-20 UN
.438
11.13
.5000-28 UNEF-2A
9
.812
20.62
.930
23.62
.750-20 UNEF
.500
12.70
.5625-24 UNEF-2A
10
.875
22.23
1.000
25.40
.812-20 UNEF
.562
14.27
.6250-24 UNEF-2A
12
.938
23.83
1.060
26.92
.875-20 UNEF
.656
16.66
.6875-24 UNEF-2A
14
1.125
28.58
1.250
31.75
1.062-20 UN
.812
20.62
.8750-20 UNEF-2A
15
1.188
30.18
1.320
33.53
1.125-20 UN
.885
22.40
.9375-20 UNEF-2A
21
1.562
39.67
1.700
43.18
1.437-20 UN
1.188
30.18
1.2500-18 UNEF-2A
Series 802 “Aqua Mouse” Submersible Plug
802-008-06 and 802-009-06 Dimensions
PLUG WITH INTEGRAL
BAND PLATFORM
802-008
PLUG WITH
ACCESSORY THREAD
802-009
.25
(6.35)
1.125 (28.58) MAX
ø D
MEDIUM MALE
DIAMOND KNURL
C THREAD
MASTER KEY
B
ACROSS
CORNERS
A HEX
1.125 (28.58)
MAX
C THREAD
E THREAD
Integral Band Platform
802-006
Accessory Thread
802-009


Similar Part No. - 802-008-06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-008 GLENAIR-802-008 Datasheet
164Kb / 1P
   Submersible Plug
More results

Similar Description - 802-008-06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-008 GLENAIR-802-008 Datasheet
164Kb / 1P
   Submersible Plug
802-010 GLENAIR-802-010 Datasheet
205Kb / 1P
   Submersible Receptacle
802-013 GLENAIR-802-013 Datasheet
196Kb / 1P
   AquaMouse Submersible
802-010-07 GLENAIR-802-010-07 Datasheet
178Kb / 1P
   Aqua Mouse Submersible
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
   SUBMERSIBLE LEVEL TRANSMITTER
logo
Sensortechnics GmbH
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
   submersible level probe
logo
Pentair plc. All rights...
ME40AG PENTAIR-ME40AG Datasheet
204Kb / 2P
   SUBMERSIBLE AGRICULTURAL PUMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com