Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6606 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # P6606
Description  InSb photoconductive detectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P6606 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  P6606_15 Datasheet HTML 1Page - Hamamatsu Corporation P6606_15 Datasheet HTML 2Page - Hamamatsu Corporation P6606_15 Datasheet HTML 3Page - Hamamatsu Corporation P6606_15 Datasheet HTML 4Page - Hamamatsu Corporation P6606_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Cat. No. KIRD1026E11 Jul. 2012 DN
InSb photoconductive detectors
P6606 series
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. Before assembly into final products, please contact
us for the delivery specification sheet to check the latest information.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of July, 2012.
5
P6606-110/-210
P6606-305/-310/-320
Dimensional outlines (unit: mm)
14 ± 0.2
Window
10 ± 0.2
15.3 ± 0.2
0.45 ± 0.1
Lead
Photosensitive
surface
10.2 ± 0.2
5.1 ± 0.2
10.2 ± 0.2
Detector
Detector
TE-cooler (-)
TE-cooler (+)
Thermistor
P6606-110
4.2 ± 0.2
P6606-210
6.6 ± 0.2
a
KIRDA0126EB
TE-cooler (+)
Detector
Thermistor
Pump-out pipe
NC
TE-cooler (-)
Photosensitive
surface
Window
10 ± 0.2
19.4 ± 0.2
5 Max.
12.7 ± 0.2
4 ± 0.2
30.1 ± 0.1
39 ± 0.2
Pump-out pipe
40°
40°
1.0 ± 0.1
Lead
KIRDA0127EC


Similar Part No. - P6606_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P6606-110 HAMAMATSU-P6606-110 Datasheet
155Kb / 4P
   InSb photoconductive detector
P6606-110 HAMAMATSU-P6606-110 Datasheet
117Kb / 4P
   InSb photoconductive detector
More results

Similar Description - P6606_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P5968 HAMAMATSU-P5968_15 Datasheet
549Kb / 4P
   InSb photovoltaic detectors
P3257 HAMAMATSU-P3257_15 Datasheet
242Kb / 7P
   MCT photoconductive detectors
P3207-08 HAMAMATSU-P3207-08_15 Datasheet
239Kb / 7P
   PbSe photoconductive detectors
P2748 HAMAMATSU-P2748_15 Datasheet
226Kb / 4P
   MCT photoconductive detectors
P2532-01 HAMAMATSU-P2532-01_15 Datasheet
124Kb / 4P
   Infrared detectors utilizing photoconductive effects
logo
VIGO Photonics S.A.
PCI VIGO-PCI Datasheet
695Kb / 2P
   1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
PCI-2TE VIGO-PCI-2TE Datasheet
797Kb / 2P
   1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-4TE VIGO-PCI-4TE Datasheet
774Kb / 2P
   1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com