Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6679CL Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU6679CL
Description  128-common x 132-segment BIT MAP LCD DRIVER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6679CL Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJU6679CL Datasheet HTML 4Page - New Japan Radio NJU6679CL Datasheet HTML 5Page - New Japan Radio NJU6679CL Datasheet HTML 6Page - New Japan Radio NJU6679CL Datasheet HTML 7Page - New Japan Radio NJU6679CL Datasheet HTML 8Page - New Japan Radio NJU6679CL Datasheet HTML 9Page - New Japan Radio NJU6679CL Datasheet HTML 10Page - New Japan Radio NJU6679CL Datasheet HTML 11Page - New Japan Radio NJU6679CL Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
NJU6679
NJU6679
No.
Symbol
I/O
F u n c t i o n
1,40
VDD
Power VDD=+3V
5,22
VSS
GND VSS=0V
39
38
37
36
35
V1
V2
V3
V4
V5
Power LCD Driving Voltage Supplying Terminal. When the internal voltage booster is
not used, supply each level of LCD driving voltage from outside with following
relation.
VDD>V1>V2>V3>V4>V5
When the internal power supply is on, the internal circuits generate and supply
following LCD bias voltage from V1 to V4 terminals.
(VLCD=VDD-V5)
33,32,
31,30,
29,28,
27,26,
25,24
C1+,C1-
C2+,C2-
C3+,C3-
C4+,C4-
C5+,C5-
O
Step up capacitor connecting terminals.
Voltage booster circuit (Maximum 6-time)
23
VOUT
O
Step up voltage output terminal. Connect the step up capacitor between this
terminal and VSS.
34
VR
I
Voltage adjust terminal. V5 level is adjusted by external bleeder resistance
connecting between VDD and V5 terminal.
7
6
T1
T2
I
LCD bias voltage control terminals. ( *:Don't Care)
14 to 21
D0 to
D7
(SI)
(SCL)
I/O
P/S="H" : Tri-state bi-directional Data I/O terminal in 8-bit parallel operation.
P/S="L" : D7=Serial data input terminal. D 6=Serial data clock signal input
terminal. Data from SI is loaded at the rising edge of SCL and
latched as the parallel data at 8th rising edge of SCL.
11
A0
I
Connect to the Address bus of MPU. The data on the D 0 to D7 is
distinguished between Display data and Instruction by status of A0.
4
RES
I
Reset terminal. When the RES terminal goes to "L", the initialization is
performed. Reset operation is executing during "L" state of RES.
10
CS
I
Chip select terminal. Data Input/Output are available during CS ="L".
TERMINAL DESCRIPTION
TERMINAL DESCRIPTION
Bias
V1
V2
V3
V4
1/4Bias
V5+3/4VLCD
V5+2/4VLCD
V5+2/4VLCD
V5+1/4VLCD
1/5Bias
V5+4/5VLCD
V5+3/5VLCD
V5+2/5VLCD
V5+1/5VLCD
1/6Bias
V5+5/6VLCD
V5+4/6VLCD
V5+2/6VLCD
V5+1/6VLCD
1/7Bias
V5+6/7VLCD
V5+5/7VLCD
V5+2/7VLCD
V5+1/7VLCD
1/8Bias
V5+7/8VLCD
V5+6/8VLCD
V5+2/8VLCD
V5+1/8VLCD
1/9Bias
V5+8/9VLCD
V5+7/9VLCD
V5+2/9VLCD
V5+1/9VLCD
1/10Bias
V5+9/10VLCD
V5+8/10VLCD
V5+2/10VLCD
V5+1/10VLCD
1/11Bias
V5+10/11VLCD
V5+9/11VLCD
V5+2/11VLCD
V5+1/11VLCD
1/12Bias
V5+11/12VLCD
V5+10/12VLCD
V5+2/12VLCD
V5+1/12VLCD
T 1
T 2
Vo lt age
boos t e r C ir.
Vo lt age Ad j.
V / F C ir.
L
*
Ava il ab le
Ava il ab le
Ava il ab le
H
L
No t Ava il.
Ava il ab le
Ava il ab le
H
H
No t Ava il.
No t Ava il.
Ava il ab le
A0
H
L
Distin.
Display Data
Instruction


Similar Part No. - NJU6679CL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6673 NJRC-NJU6673 Datasheet
283Kb / 38P
   25-common x 100-segment BITMAP LCD DRIVER
NJU6673CL NJRC-NJU6673CL Datasheet
283Kb / 38P
   25-common x 100-segment BITMAP LCD DRIVER
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6675CH NJRC-NJU6675CH Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6676 NJRC-NJU6676 Datasheet
856Kb / 46P
   64-Common X 132-Segment plus 1-Icon Bit Map Type LCD Controller and Driver
More results

Similar Description - NJU6679CL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
   88-common x 132-segment BIT MAP LCD DRIVER
NJU6678 NJRC-NJU6678 Datasheet
491Kb / 45P
   104-common x 132-segment BIT MAP LCD DRIVER
NJU6676 NJRC-NJU6676 Datasheet
856Kb / 46P
   64-Common X 132-Segment plus 1-Icon Bit Map Type LCD Controller and Driver
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
   65 X 132 RAM-Map LCD Controller / Driver
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
logo
New Japan Radio
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
   128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
NJU6575A NJRC-NJU6575A Datasheet
1Mb / 37P
   BIT MAP LCD DRIVER???
NJU6458 NJRC-NJU6458 Datasheet
774Kb / 25P
   80 OUTPUT POSITIVE VOLTAGE BIT MAP LCD SEGMENT DRIVER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com