Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3207-08 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P3207-08
Description  PbSe photoconductive detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P3207-08 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P3207-08_15 Datasheet HTML 1Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 2Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 3Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 4Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 5Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 6Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P9696 series
P3207-08
PbSe photoconductive detectors
Infrared detectors with fast response and
high sensitivity in 5 μm wavelength band
www.hamamatsu.com
1
Compared to other detectors used in the same wavelength regions, PbSe photoconductive detectors have faster response
and can operate at room temperature, making them widely used in gas analyzers, etc. Cooling these detectors increases the
sensitivity and improves the S/N. So cooled type PbSe photoconductive detectors are widely used in high-precision photo-
metry such as for analytical instruments.
Features
Applications
High-speed response
Room temperature type and TE-cooled type available
Lower temperature detection limit: approx. 50 °C
With bandpass filter: P3207-08
Gas analyzer (CH4, CO, CO2)
Radiation thermometer
Flame detector
Film thickness gauge
Specifications / Absolute maximum ratings
Type no. Dimensional
outline*1
Package Cooling
Photosensitive
area
Absolute maximum ratings
Thermistor
power
dissipation*2
TE-cooler
voltage
consumption
TE-cooler
current
consumption
Incident
light level
Pin
Supply*3
voltage
Vs
Operating
temperature
Topr
Storage
temperature
Tstg
Soldering
conditions
(mm)
(mW)
(V)
(A)
(W/cm2)
(V)
(°C)
(°C)
P9696-02
(1)/S
TO-5
Non-cooled
2 × 2
--
-
1 × 10-3
100
-30 to +50 -55 to +60
260 °C or
less, within
10 seconds
P9696-03
3 × 3
P3207-08
(2)/S
TO-5*4
(with filter)
2 × 2
P9696-102
(3)/S
TO-8
One-stage
TE-cooled
2 × 2
0.2
0.85
1.5
P9696-103
3 × 3
P9696-202
(4)/S
Two-stage
TE-cooled
2 × 2
0.95
1.0
P9696-203
3 × 3
*1: S=Sapphire glass
*2: Thermistor recommended power dissipation=0.03 mW max.
*3: Voltage applied to a PbSe detector through a load resistor
*4: Half width=140 nm
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Accessories (options)
Heatsink for one-stage TE-cooled type
A3179
Heatsink for two-stage TE-cooled type
A3179-01
Temperature controller for TE-cooled type
C1103-04
Amplifier for PbS/PbSe photoconductive detector C3757-02
Infrared detector module with preamp Non-cooled type P4245
Cooled type P4639


Similar Part No. - P3207-08_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P3207-05 HAMAMATSU-P3207-05 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P3207-05 HAMAMATSU-P3207-05 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P3207-07 HAMAMATSU-P3207-07 Datasheet
100Kb / 5P
   Infrared detectors with fast response and high sensitivity in 5 m wavelength band
More results

Similar Description - P3207-08_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P3257 HAMAMATSU-P3257_15 Datasheet
242Kb / 7P
   MCT photoconductive detectors
P6606 HAMAMATSU-P6606_15 Datasheet
822Kb / 5P
   InSb photoconductive detectors
P2748 HAMAMATSU-P2748_15 Datasheet
226Kb / 4P
   MCT photoconductive detectors
P2532-01 HAMAMATSU-P2532-01_15 Datasheet
124Kb / 4P
   Infrared detectors utilizing photoconductive effects
logo
VIGO Photonics S.A.
PCI VIGO-PCI Datasheet
695Kb / 2P
   1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
PCI-2TE VIGO-PCI-2TE Datasheet
797Kb / 2P
   1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-4TE VIGO-PCI-4TE Datasheet
774Kb / 2P
   1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com