Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2281CCS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML2281CCS
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281CCS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML2281CCS Datasheet HTML 3Page - Micro Linear Corporation ML2281CCS Datasheet HTML 4Page - Micro Linear Corporation ML2281CCS Datasheet HTML 5Page - Micro Linear Corporation ML2281CCS Datasheet HTML 6Page - Micro Linear Corporation ML2281CCS Datasheet HTML 7Page - Micro Linear Corporation ML2281CCS Datasheet HTML 8Page - Micro Linear Corporation ML2281CCS Datasheet HTML 9Page - Micro Linear Corporation ML2281CCS Datasheet HTML 10Page - Micro Linear Corporation ML2281CCS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
7
VCC
DATA
OUTPUT
CL
CL
RL
DATA
OUTPUT
t1H
t0H
t1H
t0H
CS
VCC
GND
VOH
GND
50%
10%
90%
t1H
90%
DO AND
SARS OUTPUTS
CS
DO AND
SARS OUTPUTS
GND
VCC
VCC
VOL
10%
t0H
50%
10%
90%
tr
tr
RL
Figure 1. High Impedance Test Circuits and Waveforms
CLK
CLK
CS
DO
tSET-UP
tPD0, tPD1
tSET-UP
tSET-UP
tHOLD
tHOLD
CS
DATA
IN (DI)
CLK
DATA
OUT (DO)
SE
tSET-UP
START CONVERSION
BIT 7
(MSB)
BIT 6
tPD0, tPD1
Figure 2. Timing Diagrams
Data Input Timing
Data Output Timing
ML2281 Start Conversion Timing


Similar Part No. - ML2281CCS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
List of Unclassifed Man...
ML22802-XXX ETC2-ML22802-XXX Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22804 ETC2-ML22804 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2280BCP MICRO-LINEAR-ML2280BCP Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
More results

Similar Description - ML2281CCS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com