Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

803-013 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 803-013
Description  Mighty Mouse 1/4 Turn Bayonet Coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-013 Datasheet(HTML) 1 Page - Glenair, Inc.

  803-013 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
F-21
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
F
Series 803 Mighty Mouse ¼ Turn Bayonet Coupling
Shielded Overmolded Harsh Environment Cordsets
803-013, -032, -014 and -033 Ordering Information
Series 803 Cordsets with #20HD Contacts
Sample Part Number
803-014
-A
C
0
M
8-28
N
X
-36
Series
End A Connector End B Connector
Wire Size
Shell Material /
Finish
Insert Arr.
Protective
Cover
Shell Key
Pos.
Length
803-014
Style 1
Polyurethane
Cable Jacket,
Polyamide
Overmold,
803-033
Style 2
Rubber
Cable Jacket
and Rubber
Overmold,
-A
Plug, with Male
Pin Contacts
-B
Plug, with Female
Socket Contacts
-C
Receptacle, with
Male Pin Contacts
-D
Receptacle, with
Female Socket
Contacts
A
Plug, with Male
Pin Contacts
B
Plug, with
Female Socket
Contacts
C
Receptacle,
with Male Pin
Contacts
D
Receptacle, with
Female Socket
Contacts
N
No Connector
(Single-Ended)
0
#20 AWG
2
#22 AWG
M
Aluminum /
Electroless Nickel
NF
Aluminum /
Cadmium with OD
Chromate
ZNU
|Aluminum / Zinc-
Nickel with Black
Chromate
MT
Aluminum / Nickel-
PTFE
Z1
Stainless Steel /
Passivated
See page
F-2 for insert
arr.
Consult
Factory for
Combo Arr.
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
See page F-3
Overall Length
In Inches
12 Inch Min.
Series 803 Cordsets with #16 Contacts
Sample Part Number
803-013
-A
C
6
M
8-28
N
X
-36
Series
End A Connector End B Connector
Wire Size
Shell Material/
Finish
Insert Arr.
Protective
Cover
Shell Key
Pos.
Length
803-013
Style 1
Polyurethane
Cable Jacket,
Polyamide
Overmold
803-032
Style 2
Rubber
Cable Jacket
and Rubber
Overmold
-A
Plug, with Male
Pin Contacts
-B
Plug, with Female
Socket Contacts
-C
Receptacle,
with Male Pin
Contacts
-D
Receptacle, with
Female Socket
Contacts
A
Plug, with Male
Pin Contacts
B
Plug, with Female
Socket Contacts
C
Receptacle,
with Male Pin
Contacts
D
Receptacle, with
Female Socket
Contacts
N
No Connector
(Single-Ended)
6
#16 AWG
8
#18 AWG
M
Aluminum /
Electroless Nickel
NF
Aluminum /
Cadmium with OD
Chromate
ZNU
|Aluminum / Zinc-
Nickel with Black
Chromate
MT
Aluminum /
Nickel-PTFE
Z1
Stainless Steel /
Passivated
See page
F-2 for insert
arr.
Consult
Factory for
Combo Arr.
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
See page F-3
Overall Length
In Inches
12 Inch Min.


Similar Part No. - 803-013

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-010 GLENAIR-803-010 Datasheet
247Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
More results

Similar Description - 803-013

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-006-02 GLENAIR-803-006-02 Datasheet
150Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
803-001-06 GLENAIR-803-001-06 Datasheet
178Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
803-009 GLENAIR-803-009 Datasheet
124Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
803-010 GLENAIR-803-010 Datasheet
247Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
803-001 GLENAIR-803-001 Datasheet
217Kb / 1P
   Series 803 Mighty Mouse 1/4 Turn Bayonet
803-004-07 GLENAIR-803-004-07 Datasheet
185Kb / 1P
   1/4 Turn Bayonet Receptacle
803-004-02 GLENAIR-803-004-02 Datasheet
180Kb / 1P
   1/4 Turn Bayonet Receptacle
803-004-01 GLENAIR-803-004-01 Datasheet
175Kb / 1P
   1/4 Turn Bayonet Receptacle
803-003 GLENAIR-803-003 Datasheet
401Kb / 1P
   1/4 Turn Bayonet Receptacle
852-042 GLENAIR-852-042 Datasheet
355Kb / 2P
   Mighty Mouse Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com