Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2712EH Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML2712EH
Description  2.4GHz RF Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2712EH Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML2712EH Datasheet HTML 5Page - Micro Linear Corporation ML2712EH Datasheet HTML 6Page - Micro Linear Corporation ML2712EH Datasheet HTML 7Page - Micro Linear Corporation ML2712EH Datasheet HTML 8Page - Micro Linear Corporation ML2712EH Datasheet HTML 9Page - Micro Linear Corporation ML2712EH Datasheet HTML 10Page - Micro Linear Corporation ML2712EH Datasheet HTML 11Page - Micro Linear Corporation ML2712EH Datasheet HTML 12Page - Micro Linear Corporation ML2712EH Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ML2712
9
January, 2000
PRELIMINARY
PRELIMINARY DATASHEET
Any modulation on SMOD is duplicated at the final
frequency, provided is it inside the control loop
bandwidth. The spectrum of SMOD and the final output
frequency are shown in Figure 4.
PSD
F1LO
1IF
SMOD
FREQUENCY
1IF
TRANSMIT
SIGNAL
Figure 4. Simplified Spectrum of Directly
Modulated VCO Transmitter
The PLL loop bandwidth is at least four times that of the
modulation rate. Meeting the IEEE802.11 FHSS
specification for 1Msymbol/sec requires a PLL control
loop bandwidth greater than 4MHz. To achieve the
Wideband PLL dynamics and the RF channel spacing
requirements, the Transmit VCO is down converted with
the 1LO signal (at Frequency F1LO). The RF channel
spacing can be achieved by stepping the 1LO VCO. This
allows the same VCOs and PLLs to be used in both
Transmit and Receive Modes. For typical WLAN operation
the receive frequency and transmit frequency are the same
(between frequency hops). Therefore the 1LO (and 2LO)
frequencies do not require re-tuning when switching from
transmit to receive. As a result the transmit to receive turn-
round time is very rapid. It is determined by the power on,
settling, and lock up times of the Wideband PLL. For
802.11 FH systems the requirement is less than 2
msec.
TRANSMITTER PLL
The transmitter wideband PLL is shown in Figure 5.
An external VCO provides a nominal 2.45GHz signal
which is coupled to the Transmit RF mixer using a
directional coupler or similar external circuit. The
transmiter RF mixer is used to down-convert the transmiter
VCO signal using the frequency doubled 1LO VCO to
ML2713
ML2712
ANTI ALIAS
FILTER
SAW IF
TX RF
MIXER
COUPLER
RX 1LO
VCO AND
PLL
2LO VCO
AND PLL
VCO AND LOOP FILTER
TO TX POWER
AMPLIFIER
TANK
TANK
DIGITALLY
GENERATED
MODULATED
TONE
Figure 5. Wideband Phase Locked
The Transmit RF input is a single ended design with a
nominal 50 ohms input impedance. The Transmit RF down-
converter and Wideband PLL are only enabled in
TRANSMIT Mode.
The Wideband PLL is designed to ensure the Transmit
VCO is within the pull-in range of the Wideband PLL
(so it will lock when transmitting), to achieve
required lock up time, and to set the loop
bandwidth. The Wideband PLL loop bandwidth
requirement is 4 times the symbol rate at a minimum.
The ML2712 is capable of loop bandwidth greater
than 5MHz. Since the bandwidth of the Wideband PLL
can be >4MHz, the lock up time for 802.11
applications is typically less than 2
msec. The maximum
frequency pull-in range for the transmit VCO is
500MHz to ensure that the down-converted signal
passes through the low pass filter.
Design of the ML2712 enables the large pull-in frequency
in the Wideband PLL. When TS (Pin 47)is asserted the
Wideband charge pump output is first clamped to mid-
rail. A PFD detector is then used to ensure frequency
lock. Finally the output switches to an XOR detector for
accurate phase tracking. After TS is asserted WBCP is
clamped to a nominal voltage of mid rail of VQWB (the
charge pump supply voltage) for 0.25
msec for 16MHz and
32MHz at the reference input, or 0.2
msec for 20MHz or
40MHz. This pulls the VCO to mid range.
When the clamp is disabled a phase frequency detector
(PFD) pulls the VCO to frequency lock for 1
msec with 16
MHz and 32MHz reference input, or 0.8
msec with 20MHz
or 40MHz reference input. This rapidly pulls the VCO to
frequency lock.
If the Wideband bit (Control Word B b11) is set low, the
PFD is then disabled and an XOR phase detector is used
until the TS signal is de-asserted. A factor of four
difference between the PFD and XOR charge pump
currents keeps KD, the phase detector gain, constant. The
PFD charge pump current is nominally 2mA and the XOR
charge pump current is nominally 0.25mA.
A lock detect output from the Wideband PLL
indicates Frequency Lock. An indication of the
transmitter not locked is required by some regulatory
authorities.
produce a 260MHz (nominal) signal. This signal is fed via
a low pass filter to the Wideband Phase Comparator where
is it compared to the Transmit IF reference signal, supplied
by the ML2713. The Wideband Phase Comparator output
controls the transmit VCO via an external loop filter. The
bandwidth of the Wideband Phase Comparator is high
enough to enable a relatively low tolerance Transmit VCO
to be used.
MODES OF OPERATION (CONTINUED)


Similar Part No. - ML2712EH

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
174Kb / 2P
   2.4GHz FHSS Radio Chipset
ML2712-1 MICRO-LINEAR-ML2712-1 Datasheet
174Kb / 2P
   2.4GHz FHSS Radio Chipset
More results

Similar Description - ML2712EH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
logo
List of Unclassifed Man...
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
   2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
AMIC Technology
A7121 AMICC-A7121 Datasheet
127Kb / 2P
   2.4GHz GFSK Transceiver
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
   2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
TRW-24C ETC2-TRW-24C Datasheet
703Kb / 24P
   Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01 Datasheet
182Kb / 14P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com