Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12492-210 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C12492-210
Description  Infrared detector modules with preamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12492-210 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C12492-210_15 Datasheet HTML 1Page - Hamamatsu Corporation C12492-210_15 Datasheet HTML 2Page - Hamamatsu Corporation C12492-210_15 Datasheet HTML 3Page - Hamamatsu Corporation C12492-210_15 Datasheet HTML 4Page - Hamamatsu Corporation C12492-210_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Infrared detector modules with preamp
Thermoelectrically cooled type
3
Dimensional outlines (unit: mm)
Note: The cooling fin (front side) is removable. The cooling performance is not guaranteed if removed.
Note: The cooling fin (front side) is removable. The cooling performance is not guaranteed if removed.
KIRDA00232EA
C12492-210/C12495-211S
50
2
(4 ×) M3 depth 5 (threaded hole)
BNC connector (signal output)
6-pin connector (voltage input)
0.8
46 ± 0.3
75.2
3.3 ± 0.2
40
26 ± 0.3
Tolerance unless otherwise noted: ±1
(4×) 3.2 depth 14.5 + M3 depth 5
(for M3 countersunk screw)
Cooling fin
(front side)
Photosensitive
surface
Photosensitive
area
45
(4 ×) M3 depth 5 (threaded hole)
BNC connector
(signal output)
6-pin connector
(voltage input)
31 ± 0.3
77
66.5
0.2
4.6 ± 0.5 (photosensitive surface)
50
116.5
46 ± 0.3
Tolerance unless otherwise noted: ±1
Cooling fin (front side)
(4×) 3.2 depth 24.5 + M3 depth 5
(for M3 countersunk screw)
Photosensitive
area
Photosensitive
surface
KIRDA0233EA
C12495-311M


Similar Part No. - C12492-210_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
   Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
   Infrared detector modules with preamp
More results

Similar Description - C12492-210_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
   Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
   Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
   Infrared detector modules with preamp
C12495-111L HAMAMATSU-C12495-111L Datasheet
145Kb / 5P
   Infrared detector modules with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
   Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
   Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
   Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
   Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
   Infrared detector module with preamp
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
   Infrared detector module with preamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com