Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2751 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML2751
Description  Power Amplifier and LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2751 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML2751 Datasheet HTML 2Page - Micro Linear Corporation ML2751 Datasheet HTML 3Page - Micro Linear Corporation ML2751 Datasheet HTML 4Page - Micro Linear Corporation ML2751 Datasheet HTML 5Page - Micro Linear Corporation ML2751 Datasheet HTML 6Page - Micro Linear Corporation ML2751 Datasheet HTML 7Page - Micro Linear Corporation ML2751 Datasheet HTML 8Page - Micro Linear Corporation ML2751 Datasheet HTML 9Page - Micro Linear Corporation ML2751 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML2751
7
January, 2000
PRELIMINARY
PRELIMINARY DATASHEET
OPERATION MODES AND CONTROL INTERFACE
DESCRIPTION
The signals FEEN and PAON determine the mode of
operation. The three standard modes of operation are
STANDBY, TRANSMIT, and RECEIVE. The control logic is
shown in Table 1.
STANDBY: All circuits are off (LNA bias off), PIN driver
outputs are Tri-stated.
TRANSMIT: PA and the PIN diode drivers are enabled.
The LNA is off (zero current).
RECEIVE: The LNA bias circuits and the PIN diode drivers
are enabled, PA is disabled.
In addition to the two mode control inputs, FEEN and
PAON, there is an analog voltage input that can be used
to set the power output of the amplifier. The voltage range
Table 1. Control Logic
required to set the output power level can be controlled
by an external resistor.
Note that the ML2751 has an internal power amplifier
ramp-on and ramp-off circuit. The power amplifier turn
on/off relative to the ramp is shown in Figure 3. The ramp-
on starts when the PA is enabled, the ramp-off starts when
it is disabled.
Two outputs, PIN and PINB, are provided from the
ML2751 to drive the external PIN diodes in the Transmit/
Receive switch. The timing for these voltage outputs is
shown in Figure 3 relative to the control pins FEEN and
PAON.
Figure 3. Signals vs. Mode Relationships
FEEN
PAON
PIN
PINB
3µs
3µs
PA RF
Envelope
Tri-state
Tri-state
STANDBY
STANDBY
TRANSMIT
RECEIVE
N
E
E
FN
O
A
Pe
d
o
MN
I
PB
N
I
PA
N
LA
P
0X
Y
B
D
N
A
T
Se
t
a
t
s
-
i
r
Te
t
a
t
s
-
i
r
Tf
f
Of
f
O
10
E
V
I
E
C
E
RA
m
0
1
-
/
C
C
VA
m
0
1
+
/
C
C
Vn
Of
f
O
11
T
I
M
S
N
A
R
TA
m
0
1
+
/
C
C
VA
m
0
1
-
/
C
C
Vf
f
On
O
FUNCTIONAL DESCRIPTION


Similar Part No. - ML2751

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2751 MICRO-LINEAR-ML2751 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
More results

Similar Description - ML2751

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
TriQuint Semiconductor
TGA2567-SM TRIQUINT-TGA2567-SM_15 Datasheet
583Kb / 11P
   2 20 GHz LNA Amplifier
logo
Qorvo, Inc
TGA2567-SM QORVO-TGA2567-SM Datasheet
756Kb / 11P
   2 ??20 GHz LNA Amplifier
October 2019
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD_15 Datasheet
774Kb / 7P
   Doubler and Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com