Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4425 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4425
Description  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4425 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4425 Datasheet HTML 1Page - Micro Linear Corporation ML4425 Datasheet HTML 2Page - Micro Linear Corporation ML4425 Datasheet HTML 3Page - Micro Linear Corporation ML4425 Datasheet HTML 4Page - Micro Linear Corporation ML4425 Datasheet HTML 5Page - Micro Linear Corporation ML4425 Datasheet HTML 6Page - Micro Linear Corporation ML4425 Datasheet HTML 7Page - Micro Linear Corporation ML4425 Datasheet HTML 8Page - Micro Linear Corporation ML4425 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ML4425
PIN
NAME
FUNCTION
1(30)
ISENSE
Motor current sense input. When
ISENSE exceeds 0.2 ´ ILIMIT, the
output drivers LA, LB, and LC are
shut off for a fixed time
determined by CIOS
2(31)
HA
Active low output driver for the
phase A high-side switch
3(32)
HB
Active low output driver for the
phase B high-side switch
4(1)
HC
Active low output driver for the
phase C high-side switch
5(3)
SPEED COMP Speed control loop compensation is
set by a series resistor and capacitor
from SPEED COMP to GND
6(4)
CT
A capacitor from CT to GND sets
the PWM oscillator frequency
7(5)
VREF
6.9V reference voltage output
8(6)
SPEED SET
Speed loop input which ranges
from 0 (stopped) to VREF
(maximum speed)
9(7)
LA
Active high output driver for the
phase A low-side switch
10(8)
LB
Active high output driver for the
phase B low-side switch
11(9)
LC
Active high output driver for the
phase C low-side switch
12(10) ILIMIT
Voltage on this pin sets the ISENSE
threshold voltage at 0.2
´ ILIMIT,
leaving this pin unconnected
selects an internally set threshold
13(11) VCO/TACH
This TTL level output corresponds
to the signal used to clock the
commutation state machine. The
output frequency is proportional to
the motor speed when the back-
EMF sensing loop is locked onto
the rotor position
14(12) VDD
12V power supply input
15(15) CVCO
A capacitor to GND sets the
voltage-to-frequency ratio of the
VCO
16(16) RVCO
An resistor to GND sets up a
current proportional to the input
voltage of the VCO
PIN
NAME
FUNCTION
17(17) CAT
A capacitor to GND sets the time
that the controller stays in the
align mode
18(18) UV FAULT
This output goes low when VDD
drops below the UVLO threshold,
and indicates that all output
drivers have been disabled
19(19) CRT
A capacitor to GND sets the time
that the controller stays in the
ramp mode
20(20) SPEED FB
Output of the back-EMF sampling
circuit and input to the VCO. An
RC network connected to SPEED
FB sets the compensation for the
PLL loop formed by the back-EMF
sampling circuit, the VCO, and
the commutation state machine
21(21) CRR
A capacitor to between CRR and
SPEED FB sets the ramp rate
(acceleration) of the motor when
the controller is in ramp mode
22(22) FB A
The motor feedback voltage from
phase A is monitored through a
resistor divider for back-EMF
sensing at this pin
23(23) FB B
The motor feedback voltage from
phase B is monitored through a
resistor divider for back-EMF
sensing at this pin
24(24) FB C
The motor feedback voltage from
phase C is monitored through a
resistor divider for back-EMF
sensing at this pin
25(25) BRAKE
A logic low input activates motor
braking by shutting off the high-
side output drivers and turning on
the low-side output drivers
26(26) CIOS
A capacitor to GND sets the time
that the low-side output drivers
remain off after ISENSE exceeds its
threshold
27(27) RREF
An 137k
W resistor to GND sets a
current proportional to VREF that is
used to set all the internal bias
currents except for the VCO
28(28) GND
Signal and power ground
PIN DESCRIPTION (Pin number in parenthesis is for TQFP package)


Similar Part No. - ML4425

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CP FAIRCHILD-ML4425CP Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CS FAIRCHILD-ML4425CS Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
ML4425IP FAIRCHILD-ML4425IP Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
ML4425IS FAIRCHILD-ML4425IS Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
More results

Similar Description - ML4425

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com