Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR193L3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFR193L3
Description  For low noise, high-gain amplifiers up to 2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR193L3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFR193L3 Datasheet HTML 1Page - Infineon Technologies AG BFR193L3 Datasheet HTML 2Page - Infineon Technologies AG BFR193L3 Datasheet HTML 3Page - Infineon Technologies AG BFR193L3 Datasheet HTML 4Page - Infineon Technologies AG BFR193L3 Datasheet HTML 5Page - Infineon Technologies AG BFR193L3 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2012-08-08
4
BFR193L3
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
100
200
300
400
500
mW
700


Similar Part No. - BFR193L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3 Datasheet
49Kb / 6P
   NPN Silicon RF Transistor
2005-09-23
BFR193L3 INFINEON-BFR193L3 Datasheet
51Kb / 6P
   NPN Silicon RF Transistor
2007-03-30
BFR193L3 INFINEON-BFR193L3_07 Datasheet
51Kb / 6P
   NPN Silicon RF Transistor
2007-03-30
More results

Similar Description - BFR193L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR193W INFINEON-BFR193W_14 Datasheet
660Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2014-04-07
logo
Siemens Semiconductor G...
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Siemens Semiconductor G...
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com