Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7M1N6 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGA7M1N6
Description  Silicon Germanium Low Noise Amplifier for LTE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA7M1N6 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGA7M1N6 Datasheet HTML 6Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 7Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 8Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 9Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 10Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 11Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 12Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 13Page - Infineon Technologies AG BGA7M1N6 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
BGA7M1N6
Electrical Characteristics
Data Sheet
10
Revision 3.1 (Min/Max), 2014-02-11
2
Electrical Characteristics
2.1
Measured RF Characteristics Band 1
Table 4
Electrical Characteristics:
1) T
A = 25 °C, VCC = 1.8 V, VPON,ON = 1.8 V, VPON,OFF = 0 V,
f = 2110 - 2170 MHz
1) Based on the application described in chapter 3
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
VCC
1.5
3.3
V
Supply current
ICC
4.4
5.4
mA
ON-mode
–0.2
3
μA
OFF-mode
Power On voltage
Vpon
1.0
Vcc
V
ON-mode
0
0.4
V
OFF-mode
Power On current
Ipon
–5
10
μA
ON-mode
––
1
μA
OFF-mode
Insertion power gain
|S21|
2
11.1
12.6
14.1
dB
Noise figure2)
2) PCB losses are subtracted
NF
0.65
1.2
dB
ZS =50 Ω
Input return loss3)
3) Verification based on AQL; not 100% tested in production
RLin
710
dB
Output return loss3)
RLout
10
16
dB
Reverse isolation3)
1/|S12|
2
15
19
dB
Power gain settling time4)5)
4) To be within 1 dB of the final gain
5) Guaranteed by device design; not tested in production
tS
–4
7
μs
OFF- to ON-mode
Inband input 1dB-compression
point3)
IP1dB
-7
-3
dBm
Inband input 3rd-order intercept
point6)3)
6) Input power = -30 dBm for each tone
IIP3
+2
+7
dBm
f1 = 2140 MHz
f2 = f1 +/-10 MHz
Stability5)
k
–> 1
f = 20 MHz ... 10 GHz


Similar Part No. - BGA7M1N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA7M1N6 INFINEON-BGA7M1N6 Datasheet
220Kb / 2P
   Infineon?셲 New LTE Low Noise Amplifiers Almost Double Smartphone Data Rates
04/2014
BGA7M1N6E6327 INFINEON-BGA7M1N6E6327 Datasheet
33Kb / 1P
   Material Content Data Sheet
4. August 2015
BGA7M1N6E6327XTSA1 INFINEON-BGA7M1N6E6327XTSA1 Datasheet
220Kb / 2P
   Infineon?셲 New LTE Low Noise Amplifiers Almost Double Smartphone Data Rates
04/2014
BGA7M1N6E6327 INFINEON-BGA7M1N6E6327_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
4. August 2015
More results

Similar Description - BGA7M1N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA7H1N6 INFINEON-BGA7H1N6 Datasheet
1Mb / 19P
   Silicon Germanium Low Noise Amplifier for LTE
Revision 3.1, 2014-02-11
BGA7L1N6 INFINEON-BGA7L1N6 Datasheet
1Mb / 22P
   Silicon Germanium Low Noise Amplifier for LTE
Revision 3.1, 2014-02-11
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
   Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com