Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA924N6 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BGA924N6
Description  Silicon Germanium Low Noise Amplifier for Global Navigation Satellite Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA924N6 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BGA924N6 Datasheet HTML 7Page - Infineon Technologies AG BGA924N6 Datasheet HTML 8Page - Infineon Technologies AG BGA924N6 Datasheet HTML 9Page - Infineon Technologies AG BGA924N6 Datasheet HTML 10Page - Infineon Technologies AG BGA924N6 Datasheet HTML 11Page - Infineon Technologies AG BGA924N6 Datasheet HTML 12Page - Infineon Technologies AG BGA924N6 Datasheet HTML 13Page - Infineon Technologies AG BGA924N6 Datasheet HTML 14Page - Infineon Technologies AG BGA924N6 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BGA924N6
Electrical Characteristics
Data Sheet
11
Revision 3.0, 2014-01-24
Table 5
Electrical Characteristics:1)
T
A = 25 °C, VCC = 2.8 V, VPON,ON = 2.8 V, VPON,OFF = 0 V,
f = 1550 - 1615 MHz (GPS / Glonass / Beidou / Galileo)
1) Based on the application described in chapter 3
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
1.5
3.3
V
Supply current
I
CC
–4.9
–mA
ON-mode
–0.2
3
μA
OFF-mode
Power On voltage
V
pon
1.0
Vcc
V
ON-mode
0
0.4
V
OFF-mode
Power On current
I
pon
–10
μA
ON-mode
––
1
μA
OFF-mode
Insertion power gain
|
S
21|
2
16.2
dB
Noise figure2)
2) PCB losses are subtracted
NF
–0.55
dB
Z
S =50 Ω
Input return loss
RL
in
–13
dB
Output return loss
RL
out
–20
dB
Reverse isolation
1/|
S
12|
2
–23
dB
Power gain settling time3)
3) To be within 1 dB of the final gain OFF- to ON-mode; to be within 3 dB of the final gain ON- to OFF-mode
t
S
–5
μs
OFF- to ON-mode
–5
μs
ON- to OFF-mode
Inband input 1dB-compression
point
IP
1dB
–-5
dBm
Inband input 3rd-order intercept
point4)
4) Input power = -30 dBm for each tone
IIP
3
–+4
dBm
f
1 = 1575 MHz
f
2 = f1 +/-1 MHz
Out-of-band input 3rd-order
intercept point5)
5) Input power = -20 dBm for each tone
IIP
3oob
–+10
–dBm
f
1 = 1712.7 MHz
f
2 = 1850 MHz
Stability
k
–> 1
f = 20 MHz ... 10 GHz


Similar Part No. - BGA924N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA925L6 INFINEON-BGA925L6 Datasheet
1Mb / 16P
   Silicon Germanium GNSS Low Noise Amplifier
Revision 3.0, 2012-01-13
More results

Similar Description - BGA924N6

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW5025 AWINIC-AW5025 Datasheet
1Mb / 23P
   Ultra-Low Noise Amplifier for Global Navigation Satellite Systems (GNSS)
logo
TAI-SAW TECHNOLOGY CO.,...
TN0117A TAI-SAW-TN0117A Datasheet
1Mb / 20P
   Low noise amplifier GaAs MMIC designed for GNSS (Global Navigation Satellite Systems)
logo
Suntsu Electronics, Inc...
SATPA-18F18F4A-GPB9 SUNTSU-SATPA-18F18F4A-GPB9 Datasheet
599Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-25A25A4A-GPB7 SUNTSU-SATPA-25A25A4A-GPB7 Datasheet
735Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB8 SUNTSU-SATPA-15A15A4A-GPB8 Datasheet
308Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB7 SUNTSU-SATPA-15A15A4A-GPB7 Datasheet
1Mb / 3P
   Satellite Navigation And Tracking Systems
logo
Infineon Technologies A...
BGA7M1N6 INFINEON-BGA7M1N6 Datasheet
1Mb / 22P
   Silicon Germanium Low Noise Amplifier for LTE
Revision 3.1, 2014-02-11
BGA7H1N6 INFINEON-BGA7H1N6 Datasheet
1Mb / 19P
   Silicon Germanium Low Noise Amplifier for LTE
Revision 3.1, 2014-02-11
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com