Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD600N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # DD600N
Description  Pressure contact technology for high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD600N Datasheet(HTML) 5 Page - Infineon Technologies AG

  DD600N Datasheet HTML 1Page - Infineon Technologies AG DD600N Datasheet HTML 2Page - Infineon Technologies AG DD600N Datasheet HTML 3Page - Infineon Technologies AG DD600N Datasheet HTML 4Page - Infineon Technologies AG DD600N Datasheet HTML 5Page - Infineon Technologies AG DD600N Datasheet HTML 6Page - Infineon Technologies AG DD600N Datasheet HTML 7Page - Infineon Technologies AG DD600N Datasheet HTML 8Page - Infineon Technologies AG DD600N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD600N
Date of Publication 2014-03-10
Revision 3.1
5/10
Seite/page
Analytische Elemente des transienten Wärmewiderstandes Z thJC für DC
Analytical elements of transient thermal impedance Z thJC for DC
Pos. n
1
2
3
4
5
6
7
Rthn [K/W]
0,0267
0,0254
0,01465
0,00584
0,00194
τ
n [s]
3
0,57
0,108
0,00824
0,000732
Analytische Funktion / Analytical function:
max
n
n=1
thn
thJC
n
– t
- e
1
R
Z
0,00
0,01
0,02
0,03
0,04
0,05
0,06
0,07
0,08
0,001
0,01
0,1
1
10
100
t [s]
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t)
Parameter: Stromflußwinkel
Θ / Current conduction angle Θ


Similar Part No. - DD600N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD600N EUPEC-DD600N Datasheet
239Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
logo
Inchange Semiconductor ...
DD600N16K ISC-DD600N16K Datasheet
312Kb / 2P
   Diode MODULE
More results

Similar Description - DD600N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com