Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8V0L1B-02LRH Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ESD8V0L1B-02LRH
Description  Notebooks and destop computers, peripherals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD8V0L1B-02LRH Datasheet(HTML) 5 Page - Infineon Technologies AG

  ESD8V0L1B-02LRH Datasheet HTML 1Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 2Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 3Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 4Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 5Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 6Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 7Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 8Page - Infineon Technologies AG ESD8V0L1B-02LRH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2013-02-06
5
ESD8V0L...
Application example
ESD8V0L2B...
2 channels, bi-directional
ESD sensitive
device
I/O
I/O
The protection diode should be placed very
close to the location where the ESD or
other transients can occur to keep loops
and inductances as small as possible.
Pin 3 should be connected directly to a
ground plane on the board.
2 protected signal lines, level up to
-8V/+14V
1
2
3
Application example
ESD8V0L2B...
1 high-speed channel, bi-directional
ESD sensitive
device
I/O
Pin 1 (or pin 2) should be
connected directly to a
ground plane on the board.
Pin 3 is not connected.
Protected high-speed signal line, level up to
±22V (bi-directional)
1
2
3
Application example
ESD8V0L1B...
1 channel, bi-directional
ESD sensitive
device
I/O
2
1
Pin 1 (or Pin 2) should be connected directly to a
ground plane on the board.
Protected signal line, level up to
-8/+14V or +8/-14 V


Similar Part No. - ESD8V0L1B-02LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0L1B-02LRH INFINEON-ESD8V0L1B-02LRH Datasheet
570Kb / 9P
   Low Capacitance TVS Diode
2009-07-07
More results

Similar Description - ESD8V0L1B-02LRH

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46120 DIALOG-SLG46120 Datasheet
878Kb / 92P
   Personal Computers and Servers
SLG46170 DIALOG-SLG46170 Datasheet
616Kb / 87P
   Personal Computers and Servers
SLG46722 DIALOG-SLG46722 Datasheet
412Kb / 83P
   Personal Computers and Servers
SLG46121 DIALOG-SLG46121 Datasheet
936Kb / 98P
   Personal Computers and Servers
logo
Kingston Technology Far...
SNVS KINGSTON-SNVS Datasheet
2Mb / 2P
   Efficient performance for thinner notebooks and systems
logo
Nuvoton Technology Corp...
NAU8325 NUVOTON-NAU8325 Datasheet
1Mb / 57P
   Notebooks / Tablet PCs
logo
Analog Microelectronics
AME8503 AME-AME8503 Datasheet
491Kb / 17P
   Computer Peripherals
logo
List of Unclassifed Man...
BCM2711 ETC1-BCM2711 Datasheet
1Mb / 208P
   ARM Peripherals
logo
Maxim Integrated Produc...
MAX28200WEVKIT MAXIM-MAX28200WEVKIT Datasheet
3Mb / 21P
   Integrated Peripherals
Rev 1; 5/19
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
   Portable computers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com