Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD207-B1-02EL Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ESD207-B1-02EL
Description  Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD207-B1-02EL Datasheet(HTML) 5 Page - Infineon Technologies AG

  ESD207-B1-02EL Datasheet HTML 1Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 2Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 3Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 4Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 5Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 6Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 7Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 8Page - Infineon Technologies AG ESD207-B1-02EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ESD207-B1-02 Series
Characteristics
FinalData Sheet
5
Revision 1.3, 2013-12-19
Table 2-2
DC Characteristics at TA = 25 °C, unless otherwise specified
1)
1) Device is electrically symmetrical
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Reverse working voltage
VRWM
––
3.3
V
Reverse current
IR
50
nA
VR =3.3 V
Trigger voltage
Vt1
3.65
V
Holding voltage
Vh
3.65
4.4
V
IR =10mA
Table 2-3
AC Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Line capacitance
CL
–14
20
pF
VR = 0 V, f = 1 MHz
Table 2-4
ESD and Surge Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Clamping voltage1) Pin 1 to GND
1) ANSI/ESD STM5.5.1 - Electrostatic Discharge Sensitive Testing using Transmission Line Pulse (TLP) Model. TLP
conditions: Z0 =50 Ω, tp = 100 ns, tr, =0.6 ns, ITLP and VTLP averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP characteristic between ITLP1 = 5 A and ITLP2 = 40 A. Please refer to
Application Note AN210 [1]
VCL
–7
–V
ITLP =16A
–9
ITLP =30A
Clamping voltage1) GND to Pin 1
7.5
ITLP =16A
–9
ITLP =30A
Clamping voltage2)
2) IPP according to IEC61000-4-5 (tp = 8/20 µs)
–4.5
5.8
IPP =1 A
–6.8
8.1
IPP =8 A
Dynamic resistance1)
RDYN
–0.13


Similar Part No. - ESD207-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ESD20 COOPER-ESD20 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD20 COOPER-ESD20 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD20 EATON-ESD20 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
DB Lectro Inc
ESD200 DBLECTRO-ESD200 Datasheet
720Kb / 2P
   Output Interface UART, Compliant Bluetooth stack v1.2-improved
logo
List of Unclassifed Man...
ESD200 ETC-ESD200 Datasheet
921Kb / 2P
   Bluetooth-serial Module
More results

Similar Description - ESD207-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
ESD203-B1-02ELS INFINEON-ESD203-B1-02ELS Datasheet
842Kb / 14P
   Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
ESD105-B1-02ELS INFINEON-ESD105-B1-02ELS Datasheet
719Kb / 17P
   Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
Revision 1.0, 2013-12-12
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Infineon Technologies A...
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
   Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
ESD3V3XU1BL INFINEON-ESD3V3XU1BL Datasheet
1Mb / 15P
   Bi-directional Ultra Low Capacitance ESD / Transient Protection Diode
Revision 1.3, 2013-09-11
ESD208_B1 INFINEON-ESD208_B1_02 Datasheet
3Mb / 17P
   Ultra Low Clamping ESD / Transient Protection Diode
Revision 1.2, 2013-11-29
logo
First Silicon Co., Ltd
FTV03G2B FS-FTV03G2B Datasheet
177Kb / 4P
   Bi-directional ESD Protection Diodes
FTV05G2B FS-FTV05G2B Datasheet
181Kb / 4P
   Bi-directional ESD Protection Diodes
logo
Taiwan Semiconductor Co...
TESDUB5V0 TSC-TESDUB5V0 Datasheet
188Kb / 3P
   Bi-directional ESD Protection Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com