Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKB10N60T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IKB10N60T
Description  IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKB10N60T Datasheet(HTML) 3 Page - Infineon Technologies AG

  IKB10N60T_15 Datasheet HTML 1Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 2Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 3Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 4Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 5Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 6Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 7Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 8Page - Infineon Technologies AG IKB10N60T_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IKB10N60T
TRENCHSTOP
™ Series
p
IFAG IPC TD VLS
3
Rev. 2.6 11.05.2015
Switching Characteristic, Inductive Load, at Tj=25 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j= 2 5  C,
V CC = 4 0 0 V, I C = 1 0 A,
V GE = 0 / 1 5 V , r G = 2 3  ,
L = 6 0 n H, C = 4 0 p F
L , C f r o m F i g . E
Energy losses include
“tail” and diode reverse
recovery.
-
12
-
ns
Rise time
t r
-
8
-
Turn-off delay time
t d( of f)
-
215
-
Fall time
t f
-
38
-
Turn-on energy
Eon
-
0.16
-
mJ
Turn-off energy
Eo ff
-
0.27
-
Total switching energy
Ets
-
0.43
-
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
T j =2 5 C,
VR = 4 00 V , IF =1 0 A,
diF/dt =8 8 0 A/ s
-
115
-
ns
Diode reverse recovery charge
Q rr
-
0.38
-
µC
Diode peak reverse recovery current
I rr m
-
10
-
A
Diode peak rate of fall of reverse
recovery current during t b
dirr /d t
-
680
-
A/
s
Switching Characteristic, Inductive Load, at Tj=175 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j= 1 7 5  C,
V CC = 4 0 0 V, I C = 1 0 A,
V GE = 0 / 1 5 V , r G = 2 3  ,
L = 6 0 n H, C = 4 0 p F
L , C f r o m F i g . E
Energy losses include
“tail” and diode reverse
recovery.
-
10
-
ns
Rise time
t r
-
11
-
Turn-off delay time
t d( of f)
-
233
-
Fall time
t f
-
63
-
Turn-on energy
Eon
-
0.26
-
mJ
Turn-off energy
Eo ff
-
0.35
-
Total switching energy
Ets
-
0.61
-
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
T j =1 7 5 C
VR = 4 00 V , IF =1 0 A,
diF/dt =8 8 0 A/ s
-
200
-
ns
Diode reverse recovery charge
Q rr
-
0.92
-
µC
Diode peak reverse recovery current
I rr m
-
13
-
A
Diode peak rate of fall of reverse
recovery current during t b
dirr /d t
-
390
-
A/
s


Similar Part No. - IKB10N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKB10N60T INFINEON-IKB10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
More results

Similar Description - IKB10N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB20N60T INFINEON-IKB20N60T_14 Datasheet
703Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKP06N60T INFINEON-IKP06N60T_14 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com