Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPL65R210CFD Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPL65R210CFD
Description  Reduced board space consumption
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL65R210CFD Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPL65R210CFD Datasheet HTML 4Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 5Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 6Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 7Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 8Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 9Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 10Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 11Page - Infineon Technologies AG IPL65R210CFD Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
650VCoolMOS™CFD2PowerTransistor
IPL65R210CFD
Rev.2.0,2014-03-19
Final Data Sheet
5Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
Ptot=f(TC)
Diagram2:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
10-2
10-1
100
101
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T


Similar Part No. - IPL65R210CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R200CFD7 INFINEON-IPL65R200CFD7 Datasheet
1Mb / 14P
   MOSFET 650V CoolMOS짧 CFD7 SJ Power Device
Rev. 2.0, 2021-07-28
IPL65R230C7 INFINEON-IPL65R230C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
More results

Similar Description - IPL65R210CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R420E6 INFINEON-IPL65R420E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R660E6 INFINEON-IPL65R660E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R190E6 INFINEON-IPL65R190E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
IPL65R310E6 INFINEON-IPL65R310E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R165CFD INFINEON-IPL65R165CFD Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
logo
STMicroelectronics
EMIF06-HSD04F3 STMICROELECTRONICS-EMIF06-HSD04F3 Datasheet
546Kb / 8P
   Very low PCB space consumption
November 2014 Rev 1
logo
TT Electronics.
PCF-RC TTELEC-PCF-RC Datasheet
156Kb / 1P
   saves board space
logo
Littelfuse
38211000000 LITTELFUSE-38211000000 Datasheet
216Kb / 3P
   Lead - free Reduced PCB space requirements Low internal resistance
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
   Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
   Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com