Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPL65R660E6 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPL65R660E6
Description  Reduced board space consumption
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL65R660E6 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPL65R660E6 Datasheet HTML 6Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 7Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 8Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 9Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 10Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 11Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 12Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 13Page - Infineon Technologies AG IPL65R660E6 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
650VCoolMOS™E6PowerTransistor
IPL65R660E6
Rev.2.1,2014-03-07
Final Data Sheet
Diagram9:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Diagram10:Typ.gatecharge
Qgate[nC]
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10
120 V
480 V
VGS=f(Qgate);ID=3.2Apulsed;parameter:VDD
Diagram11:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
102
125 °C
25 °C
IF=f(VSD);parameter:Tj
Diagram12:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
25
50
75
100
125
150
EAS=f(Tj);ID=1.2A;VDD=50V


Similar Part No. - IPL65R660E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R650C6S INFINEON-IPL65R650C6S Datasheet
1Mb / 14P
   650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
More results

Similar Description - IPL65R660E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R420E6 INFINEON-IPL65R420E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R190E6 INFINEON-IPL65R190E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
IPL65R210CFD INFINEON-IPL65R210CFD Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
IPL65R310E6 INFINEON-IPL65R310E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R165CFD INFINEON-IPL65R165CFD Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
logo
STMicroelectronics
EMIF06-HSD04F3 STMICROELECTRONICS-EMIF06-HSD04F3 Datasheet
546Kb / 8P
   Very low PCB space consumption
November 2014 Rev 1
logo
TT Electronics.
PCF-RC TTELEC-PCF-RC Datasheet
156Kb / 1P
   saves board space
logo
Littelfuse
38211000000 LITTELFUSE-38211000000 Datasheet
216Kb / 3P
   Lead - free Reduced PCB space requirements Low internal resistance
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
   Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
   Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com